Electronic Components Datasheet Search
  English  ▼

X  

RT8880C Datasheet(PDF) 28 Page - Richtek Technology Corporation

Part # RT8880C
Description  Dual-Output PWM Controller with 3 Integrated Drivers for AMD SVI2 Mobile CPU Power Supply
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8880C Datasheet(HTML) 28 Page - Richtek Technology Corporation

Back Button RT8880C Datasheet HTML 24Page - Richtek Technology Corporation RT8880C Datasheet HTML 25Page - Richtek Technology Corporation RT8880C Datasheet HTML 26Page - Richtek Technology Corporation RT8880C Datasheet HTML 27Page - Richtek Technology Corporation RT8880C Datasheet HTML 28Page - Richtek Technology Corporation RT8880C Datasheet HTML 29Page - Richtek Technology Corporation RT8880C Datasheet HTML 30Page - Richtek Technology Corporation RT8880C Datasheet HTML 31Page - Richtek Technology Corporation RT8880C Datasheet HTML 32Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
RT8880C
28
DS8880C-06
March 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Bit Time
Description
20
PSI1_L
21
TFN (Telemetry Functionality)
22 : 24
Load Line Slope Trim [2:0]
25 : 26
Offset Trim [1:0]
Figure 4. Telemetry Bit Definition
PWROK and SVI2 Operation
The PWROK pin is an input pin, which is connected to
the global power good signal from the platform. Logic high
at this pin enables the SVI2 interface, allowing data
transaction between processor and the RT8880C. Once
the RT8880C receives a valid SVID code, it decodes the
information from processor to determine which output
plane is going to move to the target VID. The internal DAC
then steps the reference voltage in a controlled slew rate,
making the output voltage shift to the required new VID.
Depending on the SVID code, more than one controller
channel can be targeted simultaneously in the VID
transition. For example, VDD and VDDNB voltages can
ramp up/down at the same time.
If the PWROK input goes low during normal operation,
the SVI2 protocol stops running. The RT8880C
immediately drives SVT high and modifies all output
voltages back to the boot VID, which is stored in the internal
register right after the controller is enabled. The controller
does not read SVD and SVC inputs after the loss of
PWROK. If the PWROK input goes high again, the SVI2
protocol resumes running. The RT8880C then waits to
decode the SVID command from processor for a new VID
and acts as previously described. The SVI2 protocol is
only runs when the PWROK input goes high after the
voltage at the EN pin goes high; otherwise, the RT8880C
will not soft-start due to incorrect signal sequence.
VID on-the-Fly Transition
After the RT8880C has received a valid SVID code, it enters
CCM mode and executes the VID on-the-Fly transition by
stepping up/down the reference voltage of the required
controller channel(s) in a controlled slew rate, hence
allowing the output voltage(s) to ramp up/down to the target
VID. The output voltage slew rate during the VID on-the-
Fly transition is faster than that in a soft-start/soft-shutdown
operation. If the new VID level is higher than the current
VID level, the controller begins stepping up the reference
voltage with a typical slew rate of 12.5mV/
μs upward to
the target VID level. If the new level is lower than the current
VID level, the controller begins stepping down the reference
voltage with a typical slew rate of
−12.5mV/μs downward
to the target VID level.
During the VID on-the-Fly transition, the RT8880C will force
the controller channel to operate in CCM mode. If the
controller channel operates in the power-saving mode prior
to the VID on-the-Fly transition, it will be in CCM mode
during the transition and then back to the power saving
mode at the end of the transition. The voltage at the
PGOOD and PGOODA pins will keep high during the VID
on-the-Fly transition. The RT8880C checks the output
voltage for voltage-related protections and send a VOTF
complete at the end of VID on-the-Fly transition. In the
event of receiving a VID off code, the RT8880C steps the
reference voltage of required controller channel down to
zero, hence making the required output voltage decrease
to zero. The voltage at the PGOOD pin and PGOODA pin
will remain high since the VID code is valid.
SVC
SVT
STOP
START
1
2
3
4
5
6
7
11
12
13
14
15
16
10
17
VDDNB Voltage Bit in Voltage Only Mode;
Current Bit in Voltage and Current Mode
8
9
18
19
20
VDD Voltage Bits
Voltage and Current
Mode Selection
Bit Time……



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com