Electronic Components Datasheet Search
  English  ▼

X  

AN1599 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1599
Description  VIPower: STAND-BY SMPS DEMOBOARD WITH VIPer12A
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1599 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN1599 Datasheet HTML 2Page - STMicroelectronics AN1599 Datasheet HTML 3Page - STMicroelectronics AN1599 Datasheet HTML 4Page - STMicroelectronics AN1599 Datasheet HTML 5Page - STMicroelectronics AN1599 Datasheet HTML 6Page - STMicroelectronics AN1599 Datasheet HTML 7Page - STMicroelectronics AN1599 Datasheet HTML 8Page - STMicroelectronics AN1599 Datasheet HTML 9Page - STMicroelectronics AN1599 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
6/20
AN1599 - APPLICATION NOTE
5.4. STAND-BY OPERATION
The SMPS has been loaded at several light load steps to simulate a stand-by operation.
Table 5: Stand-by operation measures
Figure 4: Power consumption versus output current at light load
5.5. WAVEFORMS
In the following pictures there are some waveforms of the application salient parameters. In figures 5 and
6 there are the drain current and drain voltage during normal operation at full load. As clearly visible the
converter works in discontinuous current mode.
For circuit reliability, the drain voltage and diodes PIV have been checked at maximum input voltage and
full load. As shown in picture 7 the drain voltage reaches the maximum value of 551V, the margin respect
to the BVDSS is 179V, assuring a reliable operation of the VIPer12A. The trace A is the magnification of
trace 1 showing the details of the drain voltage.
In SMPS that foresee the operation with low load, the auxiliary winding that supplies the control is
designed to allow the minimum operating voltage also at light load condition. So, the reverse voltage on
the rectifier due to the winding ratio in this power supply is 114Vpkpk at maximum input voltage. Then the
selected diode supplying the VIPer12A (D5), is a BAV21 with a VRRM=250V.
3.3V
Pout
115Vac
Vout
Iout
Pin
η
[V]
[mA]
[W]
[W]
3.33
20
0.067
0.180
37.0%
3.33
30
0.100
0.225
44.4%
3.33
50
0.167
0.310
53.7%
3.33
80
0.266
0.450
59.2%
3.32
100
0.332
0.540
61.5%
3.3V
Pout
230Vac
Vout
Iout
Pin
η
[V]
[mA]
[W]
[W]
3.33
20
0.067
0.200
33.3%
3.33
30
0.100
0.240
41.6%
3.33
50
0.167
0.340
49.0%
3.33
80
0.266
0.480
55.3%
3.32
100
0.332
0.580
57.2%
Stand by operation
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
20
30
50
80
100
Iout [m A]
Vin 115Vac
Vin 230Vac



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com