Electronic Components Datasheet Search
  English  ▼

X  

AN1599 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN1599
Description  VIPower: STAND-BY SMPS DEMOBOARD WITH VIPer12A
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1599 Datasheet(HTML) 2 Page - STMicroelectronics

  AN1599 Datasheet HTML 1Page - STMicroelectronics AN1599 Datasheet HTML 2Page - STMicroelectronics AN1599 Datasheet HTML 3Page - STMicroelectronics AN1599 Datasheet HTML 4Page - STMicroelectronics AN1599 Datasheet HTML 5Page - STMicroelectronics AN1599 Datasheet HTML 6Page - STMicroelectronics AN1599 Datasheet HTML 7Page - STMicroelectronics AN1599 Datasheet HTML 8Page - STMicroelectronics AN1599 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
2/20
AN1599 - APPLICATION NOTE
on VDD is above the undervoltage shutdown threshold VDDoff during normal operation. To avoid that
during start up phase the voltage across C6 is clamped below the start up threshold VDDon by D3, the
diode D4 has been added. In the SMPS here proposed the optocoupler is used not only for regulation but
it also supplies the VIPer12A during normal operation. In this way, when the output is shorted the
optocoupler is off and the VIPer12A works only with the C6 charge. The result assures a good protection
against short circuit. The zener diode D7 limits the output voltage in case of secondary feedback failure.
For the primary feedback configuration, the secondary regulated voltage is controlled by the zener diode
D7 connected to pin FB. Due to the parasitic element of the transformer is not possible to achieve a
precise regulation of the secondary voltage to supply a microprocessor, hence a low drop out voltage
regulator LE33CZ type has been used.
For the secondary regulation circuit a transil is used to keep the drain voltage at a safe level, the PKC136
type integrates both blocking diode and transil diode in a single package. For the primary feedback
configuration a cheap R-C-D clamper has been used since the voltage drain is lower due to the low power
managed by the supply.
The output rectifiers are schottky diodes for better efficiency thanks to their lower forward voltage drop
and negligible switching losses. They have been chosen according to the maximum reverse voltage and
output current.
The output capacitors have been selected to minimize the output ripple, according to the AC output
current.
For the 750mA output, a small LC filter has been added in order to filter the high frequency ripple without
increasing the output capacitors size.
For both circuits the transformer is an E13 TIW type, manufactured by Eldor Corporation according to
EN60065.
The converters are compliant to EN50022 class B and the input filter topology has been selected in order
to fit consumer application like TVC or STB.
Table 1: Operating condition
Note 1: for converter with secondary feedback
Note 2: for converter with primary feedback
Note 3: these two applications are designed to supply microprocessors and logic circuitry always working,
so a minimum load has been assumed. The value has been fixed at 20mA, compatible with most of
common application.
4. PCB LAYOUT
The PCB has been realized in FR2 with a single side copper thickness of 35 µmm. The dimensions are 52
X 98 mm. Here below there are the components side and tracks side.
The demo board has been developed for evaluation purpose so its dimensions are not optimised. To
develop SMPS reducing the board size, the VIPer12A and the other components in SMT package can be
used.
Parameter
Value
Input voltage range
90 to 264Vac
Input frequency range
50/60Hz
Output voltage
3.3V±3% @ 0.75 A
(Note1)
Output voltage
3.3V±2% @100mA
(Note2)
Minimum load
20mA
(Note 3)
Maximum working ambient temperature
60°C
EMI
EN55022 class B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com