Electronic Components Datasheet Search
  English  ▼

X  

AN1599 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1599
Description  VIPower: STAND-BY SMPS DEMOBOARD WITH VIPer12A
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1599 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1599 Datasheet HTML 1Page - STMicroelectronics AN1599 Datasheet HTML 2Page - STMicroelectronics AN1599 Datasheet HTML 3Page - STMicroelectronics AN1599 Datasheet HTML 4Page - STMicroelectronics AN1599 Datasheet HTML 5Page - STMicroelectronics AN1599 Datasheet HTML 6Page - STMicroelectronics AN1599 Datasheet HTML 7Page - STMicroelectronics AN1599 Datasheet HTML 8Page - STMicroelectronics AN1599 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
3/20
AN1599 - APPLICATION NOTE
Figure 1: PCB components side and soldering side (not in scale)
5. SECONDARY REGULATION CONVERTER
The first part of this application note describes the results of laboratory tests of the converter with
secondary regulation. The typical waveforms regarding the circuit under test have been included too.
Figure 2: Electrical schematic
D5
BAV21
1
2
4
3
U3
SFH617-A4
1
2
J1
F1
FUSE 1A
C1
100nF
Vin= 90-264Vac
C5
1n-Y1
3
U4
TL431AC
R9
330R 1%
R10
1K 1%
R7
68R
C12
100nF
C14
47nF
D3
BZX79C10
D7
ZPD33
R3
47K
R8
10K
C11
100nF
C2
10uF 400V OD S.E.
C6
2.2uF 63V
C9
1000uF-16V YXF
C13
100uF 16V YXF
C7
2.2uF 63V
R4
1uH 1.7A
1
2
6
9
5
4
T1
24320011
3
2
1
4
L1
22mH 0.4A
1
2
JP2
0R
1
2
JP3
0R
D9
1N5819
D4
1N4148
1
2
D6
DF06
FB
3
U2
VIPER12ADIP
R1
0R
/L3
4
3
2
1
J2
JP4
R2
0R
D8
PKC136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com