Electronic Components Datasheet Search
  English  ▼

X  

AN1599 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1599
Description  VIPower: STAND-BY SMPS DEMOBOARD WITH VIPer12A
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1599 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1599 Datasheet HTML 1Page - STMicroelectronics AN1599 Datasheet HTML 2Page - STMicroelectronics AN1599 Datasheet HTML 3Page - STMicroelectronics AN1599 Datasheet HTML 4Page - STMicroelectronics AN1599 Datasheet HTML 5Page - STMicroelectronics AN1599 Datasheet HTML 6Page - STMicroelectronics AN1599 Datasheet HTML 7Page - STMicroelectronics AN1599 Datasheet HTML 8Page - STMicroelectronics AN1599 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
4/20
AN1599 - APPLICATION NOTE
5.1. COMPONENT LIST
Table 2: Component list for secondary feedback SMPS
5.2. TRANSFORMER SPECIFICATION
The transformer is produced by Eldor Corporation, its characteristics and material list are in table 3.
Reference
Part Type
Description
Supplier
C1
100nF 275Vac X2
X CAP
EPCOS
C2
10µF 400V OD S.E.
ELCAP
SANYO
C5
1nF 250V~ Y1
CERCAP SAFETY
CERA MITE
C6
2.2µF 63V
ELCAP
CAPXON
C7
2.2µF 63V
ELCAP
CAPXON
C9
1000µF-16V YX
ELCAP
RUBYCON
C11
100nF
POLCAP
EVOX-RIFA
C12
100nF
POLCAP
EVOX-RIFA
C13
100µF 16V YXF
ELCAP
RUBYCON
C14
47nF
POLCAP
EVOX-RIFA
D3
BZX79C10
ZENER DIODE
PHILIPS
D4
1N4148
SIGNAL DIODE
PHILIPS
D5
BAV21
SIGNAL DIODE
PHILIPS
D6
DF06
BRIDGE RECTIFIER
GENERAL SEMICONDUCTOR
D7
ZPD33
ZENER DIODE
GENERAL SEMICONDUCTOR
D8
PKC136
TRANSIL
STMicroelectronics
D9
1N5819
SCHOTTKY DIODE
STMicroelectronics
F1
FUSE 1A
FUSE
WICKMANN
J1
MKS 2822-1-0-202
2 POLES CONNECTOR STOCKO
J2
MKS 1854-6-0-404
4 POLES CONNECTOR STOCKO
JP2
0
Ω
JUMPER, WIRE
JP3
0
Ω
JUMPER, WIRE
L1
22mH PLA10AS2230R4D2
FILTER COIL
MURATA
R1
0
Ω
JUMPER, WIRE
R2
0
Ω
JUMPER, WIRE
R3
47K
Ω
1/4W RESISTOR
BEYSCHLAG
R4
1µH 1.7A
INDUCTOR
NEWPORT COMPONENTS
R7
68
Ω
1/4W RESISTOR
BEYSCHLAG
R8
10K
Ω
1/4W RESISTOR
BEYSCHLAG
R9
330
Ω 1%
1/4W RESISTOR
BEYSCHLAG
R10
1K
Ω 1%
1/4W RESISTOR
BEYSCHLAG
T1
24320011
TRANSFORMER
ELDOR CORPORATION
U2
VIPer12ADIP
SMPS CONTROLLER
STMicroelectronics
U3
SFH617-A4
OPTOCOUPLER
INFINEON
U4
TL431AC
INTEGRATED CIRCUIT
STMicroelectronics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com