Electronic Components Datasheet Search
  English  ▼

X  

CGY2011G Datasheet(PDF) 5 Page - NXP Semiconductors

Part # CGY2011G
Description  GSM 4 W power amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CGY2011G Datasheet(HTML) 5 Page - NXP Semiconductors

  CGY2011G Datasheet HTML 1Page - NXP Semiconductors CGY2011G Datasheet HTML 2Page - NXP Semiconductors CGY2011G Datasheet HTML 3Page - NXP Semiconductors CGY2011G Datasheet HTML 4Page - NXP Semiconductors CGY2011G Datasheet HTML 5Page - NXP Semiconductors CGY2011G Datasheet HTML 6Page - NXP Semiconductors CGY2011G Datasheet HTML 7Page - NXP Semiconductors CGY2011G Datasheet HTML 8Page - NXP Semiconductors CGY2011G Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1996 Jul 08
5
Philips Semiconductors
Objective specification
GSM 4 W power amplifiers
CGY2010G; CGY2011G
FUNCTIONAL DESCRIPTION
Operating conditions
The CGY2010G and CGY2011G are designed to meet the
European Telecommunications Standards Institute (ETSI)
GSM documents, the
“ETS 300 577 specification”, which
are defined as follows:
• ton = 542.8 µs
• T = 4.3 ms
• Duty cycle = 1/8
The devices are specifically designed for pulse operation
allowing the use of a LQFP48 plastic package.
Power amplifier
The power amplifier consists of four cascaded gain stages
with an open-drain configuration. Each drain has to be
loaded externally by an adequate reactive circuit which
also has to be a DC path to the supply.
The amplifier bias is set by means of a negative voltage
applied at pins VGG1 and VGG2. This negative voltage must
be present before the supply voltage is applied to the
drains to avoid current overstress for the amplifier.
Power sensor driver
The power sensor driver is a buffer amplifier that delivers
a signal to the DETO output pin which is proportional to the
amplifier power. This signal can be detected by external
diodes for power control purpose. As the sensor signal is
taken from the input of the last stage of the PA, it is isolated
from disturbances at the output by the reverse isolation of
the PA output stage.
Impedance mismatch at the PA output therefore, does not
significantly influence the signal delivered by the power
sensor as this normally occurs when power sense is made
using a directional coupler. Consequently the cost and
space of using a directional coupler are saved.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134); general operating conditions applied.
THERMAL CHARACTERISTICS
General operating conditions applied.
Note
1. This thermal resistance is measured under GSM pulse conditions.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDD
positive supply voltage
−
7V
VGG
negative supply voltage
−−10
V
Tj(max)
maximum operating junction temperature
−
150
°C
Tstg
IC storage temperature
−
150
°C
Ptot
total power dissipation
−
1.5
W
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-c
thermal resistance from junction to case; note 1
32
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com