Electronic Components Datasheet Search
  English  ▼

X  

CGY2011G Datasheet(PDF) 7 Page - NXP Semiconductors

Part # CGY2011G
Description  GSM 4 W power amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CGY2011G Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button CGY2011G Datasheet HTML 3Page - NXP Semiconductors CGY2011G Datasheet HTML 4Page - NXP Semiconductors CGY2011G Datasheet HTML 5Page - NXP Semiconductors CGY2011G Datasheet HTML 6Page - NXP Semiconductors CGY2011G Datasheet HTML 7Page - NXP Semiconductors CGY2011G Datasheet HTML 8Page - NXP Semiconductors CGY2011G Datasheet HTML 9Page - NXP Semiconductors CGY2011G Datasheet HTML 10Page - NXP Semiconductors CGY2011G Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1996 Jul 08
7
Philips Semiconductors
Objective specification
GSM 4 W power amplifiers
CGY2010G; CGY2011G
AC CHARACTERISTICS
VDD = 4.5 V; Tamb =25 °C; general operating conditions applied; unless otherwise specified.
Notes
1. Including the 100
Ω resistor connected in parallel at the power amplifier input on the evaluation board.
2. The device is adjusted to provide nominal value of load power into a 50
Ω load. The device is switched off and a 6 : 1
load replaces the 50
Ω load. The device is switched on and the phase of the 6 : 1 load is varied
360 electrical degrees during a 60 second period.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Power amplifier
Pin
input power
−1.5
−
+1.5
dBm
S11
input return loss
note 1; 50
Ω source
−−−6dB
fRF
RF frequency range
880
−
915
MHz
Pout(max)
maximum output power
Tamb =25 °C; VDD = 4.5 V
34.5
35.5
−
dBm
Tamb = −20 to +85 °C; VDD = 4.2 V
32.5
−−
dBm
η
efficiency
VDD = 4.2 V
−
45
−
%
Pout(min)
minimum output power
VDD < 0.1 V
−−−20
dBm
NRX
output noise in RX band
fRF = 925 MHz at Pout(max)
−−−117
dBm/Hz
fRF = 935 MHz at Pout(max)
−−−129
dBm/Hz
fRF = 960 MHz at Pout(max)
−−−129
dBm/Hz
H2
2nd harmonic level
−−33
−30
dBc
H3
3rd harmonic level
−−40
−37
dBc
Stab
stability
note 2
−−−70
dBc
Power sensor driver
Pout(DET)
sensor driver output
power
RL = 100 Ω; relative to PA output
power into 50
Ω load
−−23
−
dBc
∆Pout(DET)
driver output power
variation
load VSWR
< 6 : 1 at PA output
−−
2dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com