Electronic Components Datasheet Search
  English  ▼

X  

CGY2011G Datasheet(PDF) 1 Page - NXP Semiconductors

Part # CGY2011G
Description  GSM 4 W power amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CGY2011G Datasheet(HTML) 1 Page - NXP Semiconductors

  CGY2011G Datasheet HTML 1Page - NXP Semiconductors CGY2011G Datasheet HTML 2Page - NXP Semiconductors CGY2011G Datasheet HTML 3Page - NXP Semiconductors CGY2011G Datasheet HTML 4Page - NXP Semiconductors CGY2011G Datasheet HTML 5Page - NXP Semiconductors CGY2011G Datasheet HTML 6Page - NXP Semiconductors CGY2011G Datasheet HTML 7Page - NXP Semiconductors CGY2011G Datasheet HTML 8Page - NXP Semiconductors CGY2011G Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATA SHEET
Objective specification
Supersedes data of 1995 Oct 25
File under Integrated Circuits, IC17
1996 Jul 08
INTEGRATED CIRCUITS
CGY2010G; CGY2011G
GSM 4 W power amplifiers


Similar Part No. - CGY2011G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGY2013G PHILIPS-CGY2013G Datasheet
86Kb / 12P
GSM 4 W power amplifier
1998 Jan 23
CGY2014 PHILIPS-CGY2014 Datasheet
73Kb / 12P
GSM/DCS/PCS power amplifier
2000 Nov 28
CGY2014ATW PHILIPS-CGY2014ATW Datasheet
73Kb / 12P
GSM/DCS/PCS power amplifier
2000 Nov 28
More results

Similar Description - CGY2011G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGY2013G PHILIPS-CGY2013G Datasheet
86Kb / 12P
GSM 4 W power amplifier
1998 Jan 23
TDA8510J PHILIPS-TDA8510J Datasheet
82Kb / 16P
26 W BTL and 2 x 13 W SE power amplifiers
1999 Dec 14
TDA8511J PHILIPS-TDA8511J Datasheet
80Kb / 16P
4 x 13 W single-ended power amplifiers
2000 Mar 10
logo
RF Micro Devices
RF2689 RFMD-RF2689 Datasheet
383Kb / 20P
W-CDMA/GSM/DCS RECEIVE AGC AND DEMODULATOR
logo
Analog Devices
ADP3401 AD-ADP3401 Datasheet
281Kb / 12P
GSM Power Management System
REV.0
logo
Transcom, Inc.
TA053-059-38-36 TRANSCOM-TA053-059-38-36 Datasheet
31Kb / 1P
5.3 - 5.9 GHz 4 W Amplifiers
logo
M/A-COM Technology Solu...
MAAP-011161 MA-COM-MAAP-011161 Datasheet
1,009Kb / 11P
4 W Power Amplifier
MAAP-011139 MA-COM-MAAP-011139 Datasheet
1Mb / 12P
Power Amplifier, 4 W
MAAP-011193 MA-COM-MAAP-011193 Datasheet
1Mb / 9P
4 W Power Amplifier
MAAP-011139-DIE MA-COM-MAAP-011139-DIE Datasheet
1Mb / 12P
Power Amplifier, 4 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com