Electronic Components Datasheet Search
  English  ▼

X  

CGY2011G Datasheet(PDF) 6 Page - NXP Semiconductors

Part # CGY2011G
Description  GSM 4 W power amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CGY2011G Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button CGY2011G Datasheet HTML 2Page - NXP Semiconductors CGY2011G Datasheet HTML 3Page - NXP Semiconductors CGY2011G Datasheet HTML 4Page - NXP Semiconductors CGY2011G Datasheet HTML 5Page - NXP Semiconductors CGY2011G Datasheet HTML 6Page - NXP Semiconductors CGY2011G Datasheet HTML 7Page - NXP Semiconductors CGY2011G Datasheet HTML 8Page - NXP Semiconductors CGY2011G Datasheet HTML 9Page - NXP Semiconductors CGY2011G Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1996 Jul 08
6
Philips Semiconductors
Objective specification
GSM 4 W power amplifiers
CGY2010G; CGY2011G
DC CHARACTERISTICS
VDD = 4.5 V; Tamb =25 °C; general operating conditions applied; peak current values during burst; unless otherwise
specified.
Note
1. The negative bias VGG1 and VGG2 must be applied 10 µs before the power amplifier is switched on, and must remain
applied until the power amplifier has been switched off.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Pins RFO/VDD4, VDD3, VDD2, VDD1 and DETO/VDD5
VDD
positive supply voltage
0
4.2
5.5
V
IDD
positive peak supply current
−
1.8
2.2
A
Pins VGG1 and VGG2
VGG1
negative supply voltage
note 1
−−2
−
V
VGG2
negative supply voltage
note 1
−−2
−
V
IGG1 +IGG2
negative peak supply current
−
2.5
5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com