Electronic Components Datasheet Search
  English  ▼

X  

ADC34RF55 Datasheet(PDF) 46 Page - Texas Instruments

Part # ADC34RF55
Description  ADC34RF55 Quad Channel 14-bit 3-GSPS RF Sampling Data Converter
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC34RF55 Datasheet(HTML) 46 Page - Texas Instruments

Back Button ADC34RF55 Datasheet HTML 42Page - Texas Instruments ADC34RF55 Datasheet HTML 43Page - Texas Instruments ADC34RF55 Datasheet HTML 44Page - Texas Instruments ADC34RF55 Datasheet HTML 45Page - Texas Instruments ADC34RF55 Datasheet HTML 46Page - Texas Instruments ADC34RF55 Datasheet HTML 47Page - Texas Instruments ADC34RF55 Datasheet HTML 48Page - Texas Instruments ADC34RF55 Datasheet HTML 49Page - Texas Instruments ADC34RF55 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 105 page
background image
6.3.6.2.2 JESD204B Frame Assembly with Real Decimation - Single Band
Table 6-30 lists the available JESD204B formats and corresponding valid sampling rate ranges for the
ADC34RF55. The sampling rates are limited by the minimum and maximum SERDES line rate as well as
ADC sampling clock frequencies. The JESD204B frame assembly for the different lanes is shown in Table 6-31.
Table 6-30. JESD Mode Options: Real Decimation
DECIMATION
SETTING D
(complex)
L
M
F
S
MIN FS
(Gsps)
MAX FS
(Gsps)
RATIO
[fSERDES/(FS/D)]
/4
8
4
2
2
0.5
3.0
10
/8
/16
0.8
/4
4
4
2
1
0.5
2.6
20
/8
3.0
/16
/32
0.8
/4
2
4
4
1
0.5
1.3
40
/8
2.6
/16
3.0
/32
/64
0.8
/8
1
4
8
1
0.5
1.3
80
/16
2.6
/32
3.0
/64
/128
0.8
Table 6-31. JESD Sample Frame Assembly: Real Decimation - Single Band
OUTPUT
LANE
LMFS = 8422
LMFS = 4421
LMFS = 2441
LMFS = 1481
DOUT0
A0
[15:8]
A0
[7:0]
A0
[15:8]
A0
[7:0]
A0
[15:8]
A0
[7:0]
B0
[15:8]
B0
[7:0]
A0
[15:8]
A0
[7:0]
B0
[15:8]
B0
[7:0]
C0
[15:8]
C0
[7:0]
D0
[15:8]
D0
[7:0]
DOUT1
A1
[15:8]
A1
[7:0]
B0
[15:8]
B0
[7:0]
C0
[15:8]
C0
[7:0]
D0
[15:8]
D0
[7:0]
DOUT2
B0
[15:8]
B0
[7:0]
C0
[15:8]
C0
[7:0]
DOUT3
B1
[15:8]
B1
[7:0]
D0
[15:8]
D0
[7:0]
DOUT4
C0
[15:8]
C0
[7:0]
DOUT5
C1
[15:8]
C1
[7:0]
DOUT6
D0
[15:8]
D0
[7:0]
DOUT7
D1
[15:8]
D1
[7:0]
ADC34RF55
SBAS988 – NOVEMBER 2023
www.ti.com
46
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ADC34RF55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com