Electronic Components Datasheet Search
  English  ▼

X  

ADC34RF55 Datasheet(PDF) 71 Page - Texas Instruments

Part # ADC34RF55
Description  ADC34RF55 Quad Channel 14-bit 3-GSPS RF Sampling Data Converter
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC34RF55 Datasheet(HTML) 71 Page - Texas Instruments

Back Button ADC34RF55 Datasheet HTML 67Page - Texas Instruments ADC34RF55 Datasheet HTML 68Page - Texas Instruments ADC34RF55 Datasheet HTML 69Page - Texas Instruments ADC34RF55 Datasheet HTML 70Page - Texas Instruments ADC34RF55 Datasheet HTML 71Page - Texas Instruments ADC34RF55 Datasheet HTML 72Page - Texas Instruments ADC34RF55 Datasheet HTML 73Page - Texas Instruments ADC34RF55 Datasheet HTML 74Page - Texas Instruments ADC34RF55 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 105 page
background image
Figure 6-73. Register 0x53 (JESD page)
7
6
5
4
3
2
1
0
SCR EN
0
0
0
0
0
0
0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 6-74. Register 0x53 Field Descriptions
Bit
Field
Type
Reset
Description
7
SCR EN
R/W
0
Enables scrambling of the JESD output data
0: Output scrambling disabled
1: Output scrambling enabled
6-0
0
R/W
0
Must write 0
Figure 6-74. Register 0x5C (JESD page)
7
6
5
4
3
2
1
0
F in ILA
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 6-75. Register 0x5C Field Descriptions
Bit
Field
Type
Reset
Description
7-0
F in ILA
R/W
0
These bits set F in the ILA sequence. Register value is actual F
value -1 (0x01 = F(2)).
Figure 6-75. Register 0x5D (JESD page)
7
6
5
4
3
2
1
0
K in ILA
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 6-76. Register 0x5D Field Descriptions
Bit
Field
Type
Reset
Description
7-0
K in ILA
R/W
0
These bits set K in the ILA sequence. Register value is actual K
value -1 (0x0F = K(15))
Figure 6-76. Register 0x7A (JESD page)
7
6
5
4
3
2
1
0
JESD LANE POL INV
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 6-77. Register 0x7A Field Descriptions
Bit
Field
Type
Reset
Description
7-0
JESD LANE POL INV
R/W
00000000
This register inverts the polarity of the individual SERDES output
lanes. Register bit D0 corresponds to SERDES lane DOUT0, D1
to DOUT1, and so on
0: Output polarity as is
1: Output polarity inverted
www.ti.com
ADC34RF55
SBAS988 – NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
71
Product Folder Links: ADC34RF55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com