Electronic Components Datasheet Search
  English  ▼

X  

ADC34RF55 Datasheet(PDF) 73 Page - Texas Instruments

Part # ADC34RF55
Description  ADC34RF55 Quad Channel 14-bit 3-GSPS RF Sampling Data Converter
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC34RF55 Datasheet(HTML) 73 Page - Texas Instruments

Back Button ADC34RF55 Datasheet HTML 69Page - Texas Instruments ADC34RF55 Datasheet HTML 70Page - Texas Instruments ADC34RF55 Datasheet HTML 71Page - Texas Instruments ADC34RF55 Datasheet HTML 72Page - Texas Instruments ADC34RF55 Datasheet HTML 73Page - Texas Instruments ADC34RF55 Datasheet HTML 74Page - Texas Instruments ADC34RF55 Datasheet HTML 75Page - Texas Instruments ADC34RF55 Datasheet HTML 76Page - Texas Instruments ADC34RF55 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 105 page
background image
Figure 6-79. Register 0x89/8A/8B/8C/8D/8E/8F/90 (JESD page)
7
6
5
4
3
2
1
0
TX EMPH
DOUT1 [0]
TX EMPH DOUT0 [5:0]
0
0
0
0
TX EMPH DOUT1 [5:1]
TX EMPH
DOUT3 [0]
TX EMPH DOUT2 [5:0]
0
0
0
0
TX EMPH DOUT3 [5:1]
TX EMPH
DOUT5 [0]
TX EMPH DOUT4 [5:0]
0
0
0
0
TX EMPH DOUT5 [5:1]
TX EMPH
DOUT7 [0]
TX EMPH DOUT6 [5:0]
0
0
0
0
TX EMPH DOUT7 [5:1]
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 6-80. Register 0x89/8A/8B/8C/8D/8E/8F/90 Field Descriptions
Bit
Field
Type
Reset
Description
7-5,0
0
R/W
0
Must write 0
6-1
TX EMPH DOUT0/2/4/6 [5:0]
R/W
000000
These bits select the amount of de-emphasis for the JESD
output transmitter. The de-emphasis value in dB is measured
as the ratio between the peak value after the signal transition to
the settled value of the voltage in one bit period.
0: 0 dB
1: –1 dB
3: –2 dB
7: –4.1 dB
15: –6.2 dB
31: –8.2 dB
63: –11.5 dB
4-0,7
TX EMPH DOUT1/3/5/7 [5:0]
R/W
000000
Figure 6-80. Register 0x9D/9E (JESD page)
7
6
5
4
3
2
1
0
PD DOUT7
[0,1]
PD DOUT6
[0,1]
PD DOUT5
[0,1]
PD DOUT4
[0,1]
PD DOUT3
[0,1]
PD DOUT2
[0,1]
PD DOUT1
[0,1]
PD DOUT0
[0,1]
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 6-81. Register 0x9D/9E Field Descriptions
Bit
Field
Type
Reset
Description
7-0
PD DOUTx [0,1]
R/W
0
Register 0x9D and 0x9E allow power down of individual serdes
output lanes. Register 0x9D (PD DOUTx [0]) covers the output
driver, 0x9E (PD DOUTx [1]) covers the associated internal
high-speed data clock.
0: Output lane enabled
1: Output lane powered down
www.ti.com
ADC34RF55
SBAS988 – NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
73
Product Folder Links: ADC34RF55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com