Electronic Components Datasheet Search
  English  ▼

X  

ADC34RF55 Datasheet(PDF) 21 Page - Texas Instruments

Part # ADC34RF55
Description  ADC34RF55 Quad Channel 14-bit 3-GSPS RF Sampling Data Converter
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC34RF55 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADC34RF55 Datasheet HTML 17Page - Texas Instruments ADC34RF55 Datasheet HTML 18Page - Texas Instruments ADC34RF55 Datasheet HTML 19Page - Texas Instruments ADC34RF55 Datasheet HTML 20Page - Texas Instruments ADC34RF55 Datasheet HTML 21Page - Texas Instruments ADC34RF55 Datasheet HTML 22Page - Texas Instruments ADC34RF55 Datasheet HTML 23Page - Texas Instruments ADC34RF55 Datasheet HTML 24Page - Texas Instruments ADC34RF55 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 105 page
background image
5.10 Typical Characteristics (continued)
Typical values are at TA = 25°C, ADC sampling rate = 3 GSPS, DDC BYPASS mode (characterization mode only and not
supported operating mode to illustrate RAW ADC performance prior decimation), 50% clock duty cycle, AVDD18 = 1.8 V,
AVDD12, CLKVDD, DVDD = 1.2 V and –1-dBFS differential input, unless otherwise noted.
Sampling Rate (GSPS)
1.5
1.75
2
2.25
2.5
2.75
3
0.6
0.8
1
1.2
1.4
1.6
1.8
2
/4 (8-4-2-2)
/8 (8-4-2-2)
/4 (4-4-2-1)
/8 (4-4-2-1)
/16 (4-4-2-1)
/32 (4-4-2-1)
/64 (4-4-2-1)
AIN = -1 dBFS, 1x AVG
Figure 5-43. Current vs Sampling Rate vs Real Decimation
Sampling Rate (GSPS)
1.5
1.75
2
2.25
2.5
2.75
3
0.6
0.8
1
1.2
1.4
1.6
1.8
2
/8 (2-4-4-1)
/16 (2-4-4-1)
/32 (2-4-4-1)
/64 (2-4-4-1)
/128 (2-4-4-1)
/16 (1-4-8-1)
/32 (1-4-8-1)
/64 (1-4-8-1)
/128 (1-4-8-1)
AIN = -1 dBFS, 1x AVG
Figure 5-44. Current vs Sampling Rate vs Real Decimation
Sampling Rate (GSPS)
1.5
1.75
2
2.25
2.5
2.75
3
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
/4 (8-8-2-1)
/8 (8-8-2-1)
/16 (8-8-2-1)
/32 (8-8-2-1)
/64 (8-8-2-1)
/8 (4-8-8-1)
/16 (4-8-8-1)
/32 (4-8-8-1)
/64 (4-8-8-1)
/128 (4-8-8-1)
AIN = -1 dBFS, 1x AVG
Single Band Decimation
Figure 5-45. Current vs Sampling Rate vs Complex Decimation
Sampling Rate (GSPS)
1.5
1.75
2
2.25
2.5
2.75
3
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
/16 (2-8-8-1)
/32 (2-8-8-1)
/64 (2-8-8-1)
/128 (2-8-8-1)
/32 (1-8-16-1)
/64 (1-8-16-1)
/128 (1-8-16-1)
AIN = -1 dBFS, 1x AVG
Single Band Decimation
Figure 5-46. Current vs Sampling Rate vs Complex Decimation
Sampling Rate (GSPS)
1.5
1.75
2
2.25
2.5
2.75
3
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
/8 (8-16-4-1)
/16 (8-16-4-1)
/32 (8-16-4-1)
/64 (8-16-4-1)
/128 (8-16-4-1)
/16 (4-16-8-1)
/32 (4-16-8-1)
/64 (4-16-8-1)
/128 (4-16-8-1)
AIN = -1 dBFS, 1x AVG
Dual Band Decimation
Figure 5-47. Current vs Sampling Rate vs Complex Decimation
Sampling Rate (GSPS)
1.5
1.75
2
2.25
2.5
2.75
3
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
/4 (2-4-4-1)
/8 (2-4-4-1)
/16 (2-4-4-1)
/32 (2-4-4-1)
/64 (2-4-4-1)
AIN = -1 dBFS, 1x AVG
Dual Band Decimation
Figure 5-48. Current vs Sampling Rate vs Complex Decimation
www.ti.com
ADC34RF55
SBAS988 – NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: ADC34RF55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com