| Electronic Components Datasheet Search |
|
AFE78201 Datasheet(PDF) 52 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AFE78201 Datasheet(HTML) 52 Page - Texas Instruments |
|
52 / 95 page ![]() 7.5.4 UART Interface In UART mode, the device expects 1 start bit, 8 data bits, 1 odd parity bit, and 1 stop bit, or an 8O1 UART character format. 7.5.4.1 UART Break Mode (UBM) In UART break mode (UBM), the microcontroller issues a UART break to start communication. The device interprets the UART break as the start to receive commands from the UART. A communication UART character consists of one start bit, eight data bits, one odd parity bit, and at least one stop bit. A UART break character is all 11 bits (including start, data, parity and stop bit) held low by the microcontroller on the UARTIN pin and by the AFEx8201 on the UARTOUT pin. When a valid break character is detected on UARTIN by the AFEx8201, no parity (even though parity is odd) or stop bit errors are flagged for this character. The parity and stop bit differences between valid UBM break and communication characters must be managed by the system microcontroller when receiving these characters from the UARTOUT pin of the AFEx8201. See Figure 6-2 for UBM break character, communication timing details, and bit order. AFEx8201 UART break mode communication is supported at 9600 baud. Set UBM.REG_MODE = 1 to enable register map access through the UART. By default, this bit is set to 0. The entire register map can only be accessed with SPI, except for the UBM register. The UBM register can only be accessed with UBM. After UBM.REG_MODE is set to 1, the SPI does not have access to the register map, and the full register map is accessible by UBM. A UBM data output packet is initiated by AFEx8201 on UARTOUT in two cases. See Figure 7-23 for packet structure details. If the R/IRQn status bit is 0 an IRQ event initiated the break command. If the R/IRQn status bit is 1, the break command is a response to the prior read request. To enable IRQ events, set CONFIG.UBM_IRQ_EN = 1. When IRQ is enabled, the AFEx8201 triggers a break command followed by data on UARTOUT (see Figure 7-23). The contents of the data are listed in order of priority below. 1. If ALARM_IRQ bit is set, then the contents of the ALARM_STATUS register are output. 2. If GEN_IRQ is set, then the contents of the GEN_STATUS register are output. 3. If none of the previous bits are set, then an IRQ is not generated. A break byte is followed by three bytes. These three bytes have information identical to the SPI frame without the CRC (see Figure 7-20). The CRC cannot be enabled for UBM. All communication characters on the UART bus are transmitted least significant data bit (D0) first. Figure 7-21 shows the data structure of the UBM write command, and Figure 7-22 shows the data structure of the UBM read command. S = Start bit, Par = Parity bit, P = Stop bit UART Break UART Write Data MSB Address [0:6] S P UART Break Write Par 1'b0 (Write) Data [8:15] S P Par UART Write Data LSB Data [0:7] P Par UARTIN S Figure 7-21. UARTIN Break Write Data Format AFE78201, AFE88201 SLASF44 – MAY 2023 www.ti.com 52 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: AFE78201 AFE88201 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |