| Electronic Components Datasheet Search |
|
AFE78201 Datasheet(PDF) 72 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AFE78201 Datasheet(HTML) 72 Page - Texas Instruments |
|
72 / 95 page ![]() 7.6.1.32 ADC_SD_MUX Register (Offset = 27h) [Reset = 0000h] Return to the Register Map. Table 7-44. ADC_SD_MUX Register Field Descriptions Bit Field Type Reset Description 15-12 RESERVED R 0h 11-0 DATA R 0h Converted Value of Voltage on Self-Diagnostic (SD) MUX Input 7.6.1.33 ADC_OFFSET Register (Offset = 28h) [Reset = 0000h] Return to the Register Map. Table 7-45. ADC_OFFSET Register Field Descriptions Bit Field Type Reset Description 15-12 RESERVED R 0h 11-0 DATA R 0h ADC Comparator Offset This value reports the offset measured in the device, and can be used to adjust each conversion value. If ADC_BYP.OFST_BYP_EN is set, then the value in ADC_BYP.DATA is used as the offset. This value is not affected by ADC_BYP. 7.6.1.34 DAC_OUT Register (Offset = 2Ch) [Reset = 0000h] Return to the Register Map. Table 7-46. DAC_OUT Register Field Descriptions Bit Field Type Reset Description 15-0 DATA R 0h DAC Code Applied to the Analog Circuit AFE78201, AFE88201 SLASF44 – MAY 2023 www.ti.com 72 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: AFE78201 AFE88201 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |