Electronic Components Datasheet Search
  English  ▼

X  

AM5901AF44 Datasheet(PDF) 12 Page - BCD Semiconductor Manufacturing Limited

Part # AM5901AF44
Description  4-CHANNEL MOTOR DRIVER WITH POWER CONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM5901AF44 Datasheet(HTML) 12 Page - BCD Semiconductor Manufacturing Limited

Back Button AM5901AF44 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Data Sheet
12
Mar. 2007 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
AM5901A
4-CHANNEL MOTOR DRIVER WITH POWER CONTROLLER
Typical Performance Characteristics
Figure 5. Input Load Fluctuation (CH1, 3, 4, Note 3)
Figure 6. Input Load Fluctuation (CH2, Note 3))
Figure 7. Error Amplifier Output Voltage
Figure 8. RESET Pin Voltage
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
-3
-2
-1
0
1
2
3
Input Voltage: V
IN
(V)
R
L
=Infinite
R
L
=20Ω
R
L
=8Ω
R
L
=4Ω
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
-3
-2
-1
0
1
2
3
Input Voltage: V
IN
(V)
R
L
=Infinite
R
L
=20Ω
R
L
=8Ω
R
L
=4Ω
0.00.5
1.01.5
2.02.5
3.03.5
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
VSYS1 (V)
EO Pin
DEAD Pin
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VSYS1 (V)
Note 3: Input voltage herein is referenced to Bias pin voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com