Electronic Components Datasheet Search
  English  ▼

X  

AM5901AF44 Datasheet(PDF) 18 Page - BCD Semiconductor Manufacturing Limited

Part # AM5901AF44
Description  4-CHANNEL MOTOR DRIVER WITH POWER CONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM5901AF44 Datasheet(HTML) 18 Page - BCD Semiconductor Manufacturing Limited

Back Button AM5901AF44 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 17Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 18Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 19Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Data Sheet
18
Mar. 2007 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
AM5901A
4-CHANNEL MOTOR DRIVER WITH POWER CONTROLLER
Mechanical Dimensions (Continued)
PQFP-44
Unit: mm(inch)
0.130(0.005)
0.250(0.010)
MIN
9.900(0.390)
1.950(0.077)
12.950(0.510)
13.800 (0.543)
10.100(0.398)
2.100(0.083)
0.730(0.029)
1.030(0.041)
2.450(0.096)
MAX
7°
0°
0.300(0.012)
0.450(0.018)
0.800(0.031)
TYP
0.230(0.009)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com