Electronic Components Datasheet Search
  English  ▼

X  

AM5901AF44 Datasheet(PDF) 16 Page - BCD Semiconductor Manufacturing Limited

Part # AM5901AF44
Description  4-CHANNEL MOTOR DRIVER WITH POWER CONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM5901AF44 Datasheet(HTML) 16 Page - BCD Semiconductor Manufacturing Limited

Back Button AM5901AF44 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 17Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 18Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 19Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Data Sheet
16
Mar. 2007 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
AM5901A
4-CHANNEL MOTOR DRIVER WITH POWER CONTROLLER
Reset Circuit
Upon 90% of DC/DC converter output voltage,
RESET terminal varies from "L" to "H" and
AMUTE terminal changes from "H" to "L".
Hysteresis of 50mV (Typ.) is set to the reset
voltage to prevent the output chattering.
Charging Circuit
The power supply of the charging unit is from
CHGVCC terminal and it is independent of any
other circuits. Charging current is set by the
resistance between RCHG terminal and GND.
The charging current takes constant current
through SEL terminal.
This circuit has a private thermal shutdown
circuit. When the chip temperature has risen to
140oC, the charging current is cut off. When the
chip temperature has dropped to 100oC, the
charging current begins to flow.
Application Information (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com