Electronic Components Datasheet Search
  English  ▼

X  

AM5901AF44 Datasheet(PDF) 14 Page - BCD Semiconductor Manufacturing Limited

Part # AM5901AF44
Description  4-CHANNEL MOTOR DRIVER WITH POWER CONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM5901AF44 Datasheet(HTML) 14 Page - BCD Semiconductor Manufacturing Limited

Back Button AM5901AF44 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 17Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 18Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Data Sheet
14
Mar. 2007 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
AM5901A
4-CHANNEL MOTOR DRIVER WITH POWER CONTROLLER
Application Information
H-Bridge Driver
1. Mute Function
Brake function is assigned to CH1, mute function
is assigned to other 3 channels.
(1) CH1 is in normal operation when the BRAKE
pin is low (high when CH1 mute on), and enters a
brake mode.
(2) CH2 is in normal operation when the MUTE2
pin is low (high when CH2 mute on).
(3) CH3,4 are in normal operation when the
MUTE34 pin is high (low when CH3,4 mute on).
2. VREF Drop Mute
When the voltage impressed to VREF terminal is
1.0V (Typ.) or less, impedance of driver output
becomes "high".
3. Thermal Shutdown
If the chip temperature rises above 140 oC, then
the thermal shutdown (TSD) circuit is activated
and the output current is cut. When the chip
temperature has dropped to 100oC, then output
current begins to flow.
4. Driver Gain
Driver input resistance is 11kΩ (CH1, CH3,
CH4) and 7.5kΩ (CH2). Driver gain can be calcu-
lated by the expression.
CH1,3,4
CH2
R is an external resistance
The power supply of driver output stage is HVCC
terminal and that of pre-driver circuit is VSYS2
terminal. Attach a by-pass capacitor (approxi-
mately 0.1µF) between the power supplies as
near as possible to this chip.
DC/DC Converter Control Circuit
1. Output Voltage
Booster circuit of voltage (VSYS1) can be
configured with external component. The voltage
is defined as follows.
2. Short-Circuit Protection Function
When the output of error amplifier is "H", if the
voltage of SPRT terminal has reached 1.245V
(Typ.) upon charging the terminal, switching of
SW terminal is disabled. Time to disable
switching depends on the capacitor of SPRT
terminal and it can be calculated by the
expression:
t=CSPRT * VTH/ISPRT (sec)
(VTH=1.245V, ISPRT=10µA)
R1 = External Resistance
R2 = External Resistance
R3 = 35k
Ω
R4 = 21k
Ω
GV=20 log |55k/(R+11k)|
GV=20 log | 110k/(R+7.5k)|
12
7
R1
R2
VSYS1
EI
R3
R4
1.245V
R2*R4
R1*R3
(V)
(R2+R4)
(R1+R3)
R2*R4
(R2+R4)
VSYS1 = 1.245 *
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com