Electronic Components Datasheet Search
  English  ▼

X  

FM1246/HM/I Datasheet(PDF) 12 Page - NXP Semiconductors

Part # FM1246/HM/I
Description  Desktop video & FM radio module system CCIR I
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FM1246/HM/I Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button FM1246/HM/I Datasheet HTML 8Page - NXP Semiconductors FM1246/HM/I Datasheet HTML 9Page - NXP Semiconductors FM1246/HM/I Datasheet HTML 10Page - NXP Semiconductors FM1246/HM/I Datasheet HTML 11Page - NXP Semiconductors FM1246/HM/I Datasheet HTML 12Page - NXP Semiconductors FM1246/HM/I Datasheet HTML 13Page - NXP Semiconductors FM1246/HM/I Datasheet HTML 14Page - NXP Semiconductors FM1246/HM/I Datasheet HTML 15Page - NXP Semiconductors FM1246/HM/I Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
1997 May 14
12
Philips Components
Preliminary specification
Desktop video & FM radio module
system CCIR I
FM1246
Video and audio characteristics (see Fig.2)
Digital AFC status
ADC word at I2C-bus during read operation
PARAMETER
TEST SIGNAL
TEST
POINT
MIN.
TYP.
MAX.
UNIT
CVBS characteristics:
video amplitude signal at pin 23
A1 (peak-to-peak value)
BU4
0.75
0.95
1.15
V
DC level sync pulse at pin 23
A1
BU4
−
0.7
−
V
Video amplitude drop with respect to modulation
1 MHz at Tamb =45 °C:
at 2 MHz
A1
BU4
−1.5 −+1.5
dB
at 3 MHz
A1
BU4
−2.5 −+1.5
dB
at 4 MHz
A1
BU4
−4.0 −+2.0
dB
at 4.43 MHz
A1
BU4
−4.0 −+2.0
dB
Sound carrier rejection
A1 (1 MHz) + B1
BU4
40
−−
dB
Residual 40.40 MHz signal in video channel:
level of 1.5 MHz
A1 + B3
BU4
−−
68
dB
µV
Residual 77.8 MHz signal in video channel
A1
BU4
−−
80
dB
µV
Second IF sound output level at level of 6.0 MHz
A1 (black) + B1
BU5
84
−−
dB
µV
Test on 2T pulse at Tamb =45 °C:
2T pulse/bar response
A1
BU4
−2.8 −+2.8
%
2T pulse response
A1
BU4
−−+3.5
%
CVBS S/N (unweighted)
A1 + B1
BU4
41
−−
dB
Gain limited sensitivity at 1 dB reduction
of video output
A1
BU4
−−
30
dB
µV
Maximum usable single input signal
A1
BU4
90
−−
dB
µV
Audio characteristics:
AF output level measured via LP 200 kHz filter,
RMS detector, 50
µs de-emphasis
A1 + B2
BU6
250
350
450
mV
THD (Total Harmonic Distortion) measured
via LP 200 kHz filter, RMS detector,
50
µs de-emphasis
A1 + B2
BU6
−−
0.5
%
S/N measured via CCIR filter, peak
CCIR detector, 50
µs de-emphasis
A1 (full field colour bar)
+B1
BU6
38
−−
dB
AM suppression ratio
A1 (black) + B2
BU6
40
−−
dB
Aerial input level for S/N = 41 dB
A1 (black) + B2
BU6
−−
45
dB
µV
DIGITAL
READ-OUT
FREQUENCY
(kHz)
00
−125
01
−62.5
02
0
03
+62.5
04
+125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com