Electronic Components Datasheet Search
  English  ▼

X  

FM1246/HM/I Datasheet(PDF) 3 Page - NXP Semiconductors

Part # FM1246/HM/I
Description  Desktop video & FM radio module system CCIR I
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FM1246/HM/I Datasheet(HTML) 3 Page - NXP Semiconductors

  FM1246/HM/I Datasheet HTML 1Page - NXP Semiconductors FM1246/HM/I Datasheet HTML 2Page - NXP Semiconductors FM1246/HM/I Datasheet HTML 3Page - NXP Semiconductors FM1246/HM/I Datasheet HTML 4Page - NXP Semiconductors FM1246/HM/I Datasheet HTML 5Page - NXP Semiconductors FM1246/HM/I Datasheet HTML 6Page - NXP Semiconductors FM1246/HM/I Datasheet HTML 7Page - NXP Semiconductors FM1246/HM/I Datasheet HTML 8Page - NXP Semiconductors FM1246/HM/I Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
1997 May 14
3
Philips Components
Preliminary specification
Desktop video & FM radio module
system CCIR I
FM1246
INTERMEDIATE FREQUENCIES
SYSTEM
FREQUENCY
(MHz)
Picture carrier
38.90
Colour
34.47
Sound
32.90
NICAM
32.348
FM
10.70
CHANNEL COVERAGE
BAND
FREQUENCY
(MHz)
FM radio band
87.50 to 108.00
Low band
45.75 to 170.00
Mid band
170.00 to 450.00
High band
450.00 to 855.25
PINNING
SYMBOL
PIN
DESCRIPTION
VT
11
tuning voltage (monitor)
VS(tuner)
12
supply voltage tuner section +5 V
SCL
13
I2C-bus serial clock
SDA
14
I2C-bus serial data
AS
15
I2C-bus address select
AF O/P right
20
FM radio right channel
AF O/P left
21
FM radio left channel
2nd IF O/P
22
second IF TV sound output
CVBS
23
Composite Video Baseband Signal (CVBS) output
VS(IF)
24
supply voltage IF section +5 V
AF O/P
25
AF sound output
−
TH1, TH2, TH3 and TH4
mounting tags (ground)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com