Electronic Components Datasheet Search
  English  ▼

X  

FM1246/HM/I Datasheet(PDF) 13 Page - NXP Semiconductors

Part # FM1246/HM/I
Description  Desktop video & FM radio module system CCIR I
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FM1246/HM/I Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button FM1246/HM/I Datasheet HTML 9Page - NXP Semiconductors FM1246/HM/I Datasheet HTML 10Page - NXP Semiconductors FM1246/HM/I Datasheet HTML 11Page - NXP Semiconductors FM1246/HM/I Datasheet HTML 12Page - NXP Semiconductors FM1246/HM/I Datasheet HTML 13Page - NXP Semiconductors FM1246/HM/I Datasheet HTML 14Page - NXP Semiconductors FM1246/HM/I Datasheet HTML 15Page - NXP Semiconductors FM1246/HM/I Datasheet HTML 16Page - NXP Semiconductors FM1246/HM/I Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
1997 May 14
13
Philips Components
Preliminary specification
Desktop video & FM radio module
system CCIR I
FM1246
APPLICATION INFORMATION
A detailed description of the I2C-bus specification, with applications, is given in brochure
‘‘The I2C-bus and how to
use it’’. This brochure may be ordered using the code number 9398 393 40011.
WRITE mode
Note
1. A = Acknowledge.
ADDRESS SELECTION
VS = +5 V (PLL supply voltage).
Note
1. If the AS pin is left floating, the internal bias will automatically set the address to C2.
PROGRAMMABLE DIVIDER SETTINGS (BYTES 1 AND 2)
Divider ratio:
N=16
×{fRF(pc) + fIF(pc)}, where (pc) is picture carrier and fRF and fIF are expressed in MHz.
fosc = N⁄16 (MHz).
N = (8192
× n13) + (4096 × n12) + (2048 × n11) + (1024 × n10) + (512 × n9) + (256 × n8) + (128 × n7) + (64 × n6) +
(32
× n5) + (16 × n4)+(8 × n3)+(4 × n2) + (2 × n1) + n0
For FM radio, fIF(fm) = 10.70 MHz
N=(fRF +fIF(fm))/step size = (fRF +fIF(fm))/50 kHz = 20 × (fRF +fIF(fm))
BYTE
BITS
7
MSB
654321
0
LSB
A(1)
Address byte
1
1
0
0
0
MA1
MA0
0
A
Program divider byte 1
0
n14
n13
n12
n11
n10
n9
n8
A
Program divider byte 2
n7
n6
n5
n4
n3
n2
n1
n0
A
Control information byte 1
1
CP
T2
T1
T0
RSA
RSB
OS
A
Control information byte 2
P7
P6
P5
P4
P3
P2
P1
P0
A
MA1
MA0
ADDRESS
VOLTAGE AT PIN 15 (see note 1)
0
0
C0
0.0VS to 0.1VS
0
1
C2
0.2VS to 0.3VS
1
0
C4
0.4VS to 0.6VS
1
1
C6
0.9VS to 1.0VS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com