Electronic Components Datasheet Search
  English  ▼

X  

SC1936C Datasheet(PDF) 11 Page - Power Integrations, Inc.

Part # SC1936C
Description  Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

SC1936C Datasheet(HTML) 11 Page - Power Integrations, Inc.

Back Button SC1936C Datasheet HTML 7Page - Power Integrations, Inc. SC1936C Datasheet HTML 8Page - Power Integrations, Inc. SC1936C Datasheet HTML 9Page - Power Integrations, Inc. SC1936C Datasheet HTML 10Page - Power Integrations, Inc. SC1936C Datasheet HTML 11Page - Power Integrations, Inc. SC1936C Datasheet HTML 12Page - Power Integrations, Inc. SC1936C Datasheet HTML 13Page - Power Integrations, Inc. SC1936C Datasheet HTML 14Page - Power Integrations, Inc. SC1936C Datasheet HTML 15Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Rev. C 11/18
11
SC1933C/SC1936C
www.power.com
The turns ratio for the bias winding should be selected such that 7 V
is developed across the bias winding at the lowest rated output
voltage of the power supply at the lowest load condition. If the
voltage is lower than this, no-load input power will increase.
In USB PD or rapid charge applications, the output voltage range is
very wide. For example, a 45 W adapter would need to support 5 V,
9 V and 15 V and a 100 W adapter would have output voltages
selectable from 5 V to 20 V. Such a wide output voltage variation
results in a large change in bias winding output voltage as well.
A linear regulator circuit is generally required to limit the current
injected into the PRIMARY BYPASS pin of the SC1933C/SC1936C.
The bias current from the external circuit should be set to
approximately 300 mA to achieve lowest no-load power consumption
when operating the power supply at 230 VAC input (V
BPP > 5 V). A
glass passivated standard recovery rectifier diode with low junction
capacitance is recommended to avoid the snappy recovery typically
seen with fast or ultrafast diodes that can lead to higher radiated
EMI.
An aluminum capacitor of at least 22 mF with a voltage rating 1.2
times greater than the highest voltage developed across the capacitor
is recommended. Highest voltage is typically developed across this
capacitor when the supply is operated at the highest rated output
voltage and load with the lowest input AC supply voltage.
Line UV and OV Protection
Resistors connected from the UNDER/OVER INPUT VOLTAGE pin to
the DC bus enable sensing of input voltage to provide line under
voltage and overvoltage protection. For a typical universal input
application, a resistor value of 4 MΩ is recommended. Figure 12
shows circuit configurations that enable either the line UV or the line
OV feature only to be enabled.
SC1933C/SC1936C features a primary sensed OV protection feature
that can be used to latch-off the power supply. Once the power
supply is latched off, it can be reset if the UNDER/OVER INPUT
VOLTAGE pin current is reduced to zero. Once the power supply is
latched off, even after the input supply is turned off, it can take
considerable amount of time to reset the SC1933C/SC1936C controller
as the energy stored in the DC bus will continue to provide current to
the controller. A fast AC reset can be achieved using the modified
circuit configuration shown in Figure 13. The voltage across capacitor
CS reduces rapidly after input supply is disconnected reducing current
into the INPUT VOLTAGE MONITOR pin of the SC1933C/SC1936C IC
and resetting the SC1933C/SC1936C controller.
Primary Sensed OVP (Overvoltage Protection)
The voltage developed across the output of the bias winding tracks
the power supply output voltage. Though not precise, a reasonably
accurate detection of the amplitude of the output voltage can be
achieved by the primary-side controller using the bias winding
voltage. A Zener diode connected from the bias winding output to
the PRIMARY BYPASS pin can reliably detect a secondary overvoltage
fault and cause the primary-side controller to latch-off. It is
recommended that the highest voltage at the output of the bias winding
should be measured for normal steady-state conditions (at full load
and lowest input voltage) and also under transient load conditions. A
Zener diode rated for 1.25 times this measured voltage will typically
ensure that OVP protection will only operate in case of a fault.
Primary-Side Snubber Clamp
A snubber circuit should be used on the primary-side as shown in
Figure 6. This prevents excess voltage spikes at the drain of the
switch at the instant of turn-off of the switch during each switching
cycle though conventional RCD clamps can be used. RCDZ clamps
offer the highest efficiency. The circuit example shown in Figure 6
uses an RCD clamp with a resistor in series with the clamp capacitor.
This resistor dampens the ringing at the drain and also limits the
reverse current through the clamp diode during reverse recovery.
Standard recovery glass passivated diodes with low junction
capacitance are recommended as these enable partial energy
recovery from the clamp thereby improving efficiency.
Components for SC1933C/SC1936C
Secondary-Side Circuit
SECONDARY BYPASS Pin – Decoupling Capacitor
A 2.2 mF, 25 V multilayer ceramic capacitor should be used for
decoupling the SECONDARY BYPASS pin of the SC1933C/SC1936C IC.
Since the SECONDARY BYPASS pin voltage needs to be 4.4 V before
the output voltage reaches the regulation voltage level, a significantly
higher BPS capacitor value could lead to output voltage overshoot
during start-up. Values lower than 1.5 mF may not offer enough
capacitance, and cause unpredictable operation. The capacitor must
be located adjacent to the IC pins. A 25 V rating is necessary to
guarantee a minimum aperture value in operation since the
capacitance of ceramic capacitors drops with applied voltage 10 V
rated capacitors are not recommended for this reason. Capacitors
with X7R dielectrics should be used for best results.
When the output voltage of the power supply is 5 V or higher, the
supply current for the secondary-side controller is provided by the
OUTPUT VOLTAGE (VOUT) pin of the IC as the voltage at this pin is
higher than the SECONDARY BYPASS pin voltage. During start-up
and operating conditions where the output voltage of the power
supply is below 5 V, the secondary-side controller is supplied by
current from an internal current source connected to the FORWARD
pin. If the output voltage of the power supply is below 5 V and the
load at the output of the power supply is very light, the operating
frequency can drop significantly and the current supplied to the
secondary-side controller from the FORWARD pin may not be
sufficient to maintain the SECONDARY BYPASS pin voltage at 4.4 V.
For such applications, it is recommended that an additional active
preload be used as shown in Figure 7. This load is turned on by the
interface IC (or USB PD controller) when the output voltage of the
power supply is below 5 V.
Figure 7.
Active Pre-Load Circuit.
VOUT
RL
To USB PD Controller GP10
PI-8414-082317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com