Electronic Components Datasheet Search
  English  ▼

X  

SC1936C Datasheet(PDF) 15 Page - Power Integrations, Inc.

Part # SC1936C
Description  Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

SC1936C Datasheet(HTML) 15 Page - Power Integrations, Inc.

Back Button SC1936C Datasheet HTML 11Page - Power Integrations, Inc. SC1936C Datasheet HTML 12Page - Power Integrations, Inc. SC1936C Datasheet HTML 13Page - Power Integrations, Inc. SC1936C Datasheet HTML 14Page - Power Integrations, Inc. SC1936C Datasheet HTML 15Page - Power Integrations, Inc. SC1936C Datasheet HTML 16Page - Power Integrations, Inc. SC1936C Datasheet HTML 17Page - Power Integrations, Inc. SC1936C Datasheet HTML 18Page - Power Integrations, Inc. SC1936C Datasheet HTML 19Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Rev. C 11/18
15
SC1933C/SC1936C
www.power.com
Layout Example
Figure 14. PCB Layout.
Recommendations for EMI Reduction
1. Appropriate component placement and small loop areas of the
primary and secondary power circuits help minimize radiated and
conducted EMI. Care should be taken to achieve a compact loop
area.
2. A small capacitor in parallel to the clamp diode on the primary-
side can help reduce radiated EMI.
3. A resistor in series with the bias winding helps reduce radiated
EMI.
4. Common mode chokes are typically required at the input of the
power supply to sufficiently attenuate common mode noise.
However the same performance can be achieved by using shield
windings on the transformer. Shield windings can also be used in
conjunction with common mode filter inductors at input to
improve conducted and radiated EMI margins.
5. Adjusting SR FET RC snubber component values can help reduce
high frequency radiated and conducted EMI.
6. A pi-filter comprising differential inductors and capacitors can be
used in the input rectifier circuit to reduce low frequency
differential EMI.
7. A 1 mF ceramic capacitor connected at the output of the power
supply helps to reduce radiated EMI.
Recommendations for Transformer Design
Transformer design must ensure that the power supply delivers the
rated power at the lowest input voltage. The lowest voltage on the
rectified DC bus depends on the capacitance of the filter capacitor
used. At least 2 mF/W is recommended to always keep the DC bus
voltage above 70 V, though 3 mF/W provides sufficient margin. The
ripple on the DC bus should be measured to confirm the design
calculations for transformer primary-winding inductance selection.
PI-8868-102618
Keep Feedback pin
decoupling capacitor
close to the IC
Keep IS-GND pin
sense resistor close
to output capacitor
and output connector.
Keep IS-GND pin
decoupling capacitor
close to the IC
Keep output SR FET
and output filter
capacitor loop short
Place forward and
feedback sense resistors
near the IC
Maximize Drain area of SR FET
for good heat sinking
6.5 mm spark gap
Maximize source area for good heat sinking
Y capacitor connection to the plus bulk rail
on the primary-side for surge protection
Keep Drain and clamp loop short; keep drain
components away from BPP and V pin circuitry
Keep BPP and BPS Capacitors near the IC
PCB – Bottom Side
Place VOLTAGE pin sense resistor
close to the IC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com