Electronic Components Datasheet Search
  English  ▼

X  

SC1936C Datasheet(PDF) 18 Page - Power Integrations, Inc.

Part # SC1936C
Description  Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

SC1936C Datasheet(HTML) 18 Page - Power Integrations, Inc.

Back Button SC1936C Datasheet HTML 14Page - Power Integrations, Inc. SC1936C Datasheet HTML 15Page - Power Integrations, Inc. SC1936C Datasheet HTML 16Page - Power Integrations, Inc. SC1936C Datasheet HTML 17Page - Power Integrations, Inc. SC1936C Datasheet HTML 18Page - Power Integrations, Inc. SC1936C Datasheet HTML 19Page - Power Integrations, Inc. SC1936C Datasheet HTML 20Page - Power Integrations, Inc. SC1936C Datasheet HTML 21Page - Power Integrations, Inc. SC1936C Datasheet HTML 22Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Rev. C 11/18
18
SC1933C/SC1936C
www.power.com
Figure 17. Discontinuous Conduction Mode Current Waveform, KP > 1.
Maximum Operating Flux Density, B
M (Gauss)
A maximum value of 3800 gauss at the peak device current limit
(at 132 kHz) is recommended to limit the peak flux density at start-up
and under output short-circuit conditions. Under these conditions the
output voltage is low and little reset of the transformer occurs during
the switch off-time. This allows the transformer flux density to
staircase beyond the normal operating level. A value of 3800 gauss
at the peak current limit of the selected device together with the
built-in protection features of SC1933C/SC1936C IC provide sufficient
margin to prevent core saturation under start-up or output short-
circuit conditions.
Transformer Primary Inductance, (LP)
Once the lowest operating input voltage, switching frequency at full
load, and required VOR are determined, the transformers primary
inductance can be calculated. The PIXls design spreadsheet can be
used to assist in designing the transformer.
Quick Design Checklist
As with any power supply, the operation of all SC1933C/SC1936C
designs should be verified on the bench to make sure that component
limits are not exceeded under worst-case conditions.
As a minimum, the following tests are strongly recommended:
1. Maximum Drain Voltage – Verify that V
DS of SC1933C/SC1936C do
not exceed >650 V of maximum continuous drain voltage at the
highest input voltage and peak (overload) output power in normal
operation and during start-up. Also make sure that SR FET do
not exceed >90% of breakdown voltage under above mentioned
conditions.
2. Maximum Drain Current – At maximum ambient temperature,
maximum input voltage and peak output (overload) power.
Review drain current waveforms for any signs of transformer
saturation or excessive leading-edge current spikes at start-up.
Repeat tests under steady-state conditions and verify that the
leading edge current spike is below I
LIMIT(MIN) at the end of tLEB(MIN).
Under all conditions, the maximum drain current for the primary
switch should be below the specified absolute maximum ratings.
3. Thermal Check – At specified maximum output power, minimum
input voltage and maximum ambient temperature, verify that
temperature specification limits for SC1933C/SC1936C IC,
transformer, output SR FET, and output capacitors are not
exceeded. Enough thermal margin should be allowed for
part-to-part variation of the R
DS(ON) of the SC1933C/SC1936C IC.
Under low-line, maximum power, a maximum SC1933C/SC1936C
SOURCE pin temperature of 110 °C is recommended to allow for
these variations.
KP ≡ KDP =
T = 1/fS
T = 1/fS
(1-D) × T
(1-D) × T = t
t
D × T
D × T
(b) Borderline Discontinuous/Continuous, KP = 1
(a) Discontinuous, KP > 1
Primary
Secondary
Primary
Secondary
PI-2578-103114
(1-D) × T
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com