Electronic Components Datasheet Search
  English  ▼

X  

SC1936C Datasheet(PDF) 20 Page - Power Integrations, Inc.

Part # SC1936C
Description  Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

SC1936C Datasheet(HTML) 20 Page - Power Integrations, Inc.

Back Button SC1936C Datasheet HTML 16Page - Power Integrations, Inc. SC1936C Datasheet HTML 17Page - Power Integrations, Inc. SC1936C Datasheet HTML 18Page - Power Integrations, Inc. SC1936C Datasheet HTML 19Page - Power Integrations, Inc. SC1936C Datasheet HTML 20Page - Power Integrations, Inc. SC1936C Datasheet HTML 21Page - Power Integrations, Inc. SC1936C Datasheet HTML 22Page - Power Integrations, Inc. SC1936C Datasheet HTML 23Page - Power Integrations, Inc. SC1936C Datasheet HTML 24Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Rev. C 11/18
20
SC1933C/SC1936C
www.power.com
Parameter
Symbol
Conditions
SOURCE = 0 V
T
J = -40 °C to 125 °C
(Unless Otherwise Specified)
Min
Typ
Max
Units
Control Functions (cont.)
Startup Switching
Frequency
f
SW
T
J = 25 °C
23
25
27
kHz
Jitter Modulation
Frequency
f
M
T
J = 25 °C
f
SW = 100 kHz
0.80
1.25
1.70
kHz
Maximum On-Time
t
ON(MAX)
T
J = 25 °C
12.4
14.6
16.9
ms
Minimum Primary
Feedback Block-Out
Timer
t
BLOCK
t
OFF(MIN)
ms
BPP Supply Current
I
S1
V
BPP = VBPP + 0.1 V
(Not Switching)
T
J = 25 °C
145
266
425
mA
I
S2
V
BPP = VBPP + 0.1 V
(Switching at 132 kHz)
T
J = 25 °C
1.46
1.95
2.81
mA
BPP Pin Charge Current
I
CH1
V
BP = 0 V, TJ = 25 °C
-1.75
-1.35
-0.88
mA
I
CH2
V
BP = 4 V, TJ = 25 °C
-5.98
-4.65
-3.32
BPP Pin Voltage
V
BPP
4.65
4.90
5.15
V
BPP Pin Voltage
Hysteresis
V
BPP(H)
T
J = 25 °C
0.22
0.39
0.55
V
BPP Shunt Voltage
V
SHUNT
I
BPP = 2 mA
5.15
5.36
5.65
V
BPP Power-Up Reset
Threshold Voltage
V
BPP(RESET)
T
J = 25 °C
2.80
3.15
3.50
V
UV/OV Pin Brown-In
Threshold
I
UV+
T
J = 25 °C
22.41
24.38
26.36
mA
UV/OV Pin Brown-Out
Threshold
I
UV-
T
J = 25 °C
20
21.6
23.20
mA
Brown-Out Delay Time
t
UV-
T
J = 25 °C
35
ms
UV/OV Pin Line
Overvoltage Threshold
I
OV+
T
J = 25 °C
108
112
118
mA
UV/OV Pin Line
Overvoltage Hysteresis
I
OV(H)
T
J = 25 °C
7
8
9
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com