Electronic Components Datasheet Search
  English  ▼

X  

ES8328 Datasheet(PDF) 11 Page - Suzhou Everest Semiconductor Co. Ltd.

Part # ES8328
Description  Low Power Stereo Audio CODEC With Headphone Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
Direct Link  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.

ES8328 Datasheet(HTML) 11 Page - Suzhou Everest Semiconductor Co. Ltd.

Back Button ES8328 Datasheet HTML 7Page - Suzhou Everest Semiconductor Co. Ltd. ES8328 Datasheet HTML 8Page - Suzhou Everest Semiconductor Co. Ltd. ES8328 Datasheet HTML 9Page - Suzhou Everest Semiconductor Co. Ltd. ES8328 Datasheet HTML 10Page - Suzhou Everest Semiconductor Co. Ltd. ES8328 Datasheet HTML 11Page - Suzhou Everest Semiconductor Co. Ltd. ES8328 Datasheet HTML 12Page - Suzhou Everest Semiconductor Co. Ltd. ES8328 Datasheet HTML 13Page - Suzhou Everest Semiconductor Co. Ltd. ES8328 Datasheet HTML 14Page - Suzhou Everest Semiconductor Co. Ltd. ES8328 Datasheet HTML 15Page - Suzhou Everest Semiconductor Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Everest Semiconductor
ES8328
difference from the I2C protocol.
Table 3 Write Data to Register in 2-wire Interface Mode
Chip Address
R/W
Register Address
Data to be written
001000
AD0
0
ACK
RAM
ACK
DATA
Table 4 Read Data from Register in 2-wire Interface Mode
Chip Address
R/W
Register Address
001000
AD0
0
ACK
RAM
Chip Address
R/W
Data to be read
001000
AD0
1
ACK
DATA
6 CONFIGURATION REGISTER DEFINITION
SPI and 2-wire configuration interface share the same registers because there
is only one interface active at any time. There are total of 53 user
programmable 8-bit registers in this device. These registers control the
operations of ADC and DAC. External master controller can access these
registers by using the slave address specified in RAM (Register Address Map)
register as shown in the Table 5.
Table 5 Bit Content of Register Address Map
B7
B6
B5
B4
B3
B2
B1
B0
Reg. 00
SCPReset
LRCM
DACMCLK
SameFs
SeqEn
EnRef
VMIDSEL
Reg. 01
TSDEN
PdnOC
LPVcmMod
LPVrefBuf
PdnAna
PdnIbiasgen
VrefrLo
PdnVrefbuf
Reg. 02
adc_DigPDN
dac_DigPDN
adc_stm_rst
dac_stm_rst ADCDLL_PDN DACDLL_PDN adcVref_PDN dacVref_PDN
Reg. 03
PdnAINL
PdnAINR
PdnADCL
PdnADCR
PdnMICB
PdnADCBiasgen
flashLP
int1LP
Reg. 04
PdnDACL
PdnDACR
LOUT1
ROUT1
LOUT2
ROUT2
MONO
OUT3
Reg. 05
LPDACL
LPDACR
LPLOUT1
OC[2]
LPLOUT2
OC[3]
LPMONO
LPOUT3
Reg. 06
LPPGA
LPLMIX
LPRMIX
LPMMIX
LPMOUTINV
LPOUT2INV
LPADCvrp
LPDACvrp
Reg. 07
VSEL
Reg. 08
MSC
MCLKDIV2
BCLK_INV
BCLKDIV
Reg. 09
MicAmpL
MicAmpR
Reg. 10
LINSEL
RINSEL
Reg. 11
DS
MONOMIX
TRI
OC[1:0]
Reg. 12
DATSEL
ADCLRP
ADCWL
ADCFORMAT
Reg. 13
ADCFsMode
ADCFsRatio
Reg. 14
ADC_invL
ADC_invR
ADC_HPF_L
ADC_HPF_R
Reg. 15 ADCRampRate ADCSoftRamp ADCZeroCrs
ADCLeR
ADCMute
Reg. 16
LADCVOL
Reg. 17
RADCVOL
Reg. 18
ALCSEL
MAXGAIN
MINGAIN
Reg. 19
ALCLVL
ALCHLD
Revision 1.0
8/15/2009
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com