Electronic Components Datasheet Search
  English  ▼

X  

ES8328 Datasheet(PDF) 13 Page - Suzhou Everest Semiconductor Co. Ltd.

Part # ES8328
Description  Low Power Stereo Audio CODEC With Headphone Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
Direct Link  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.

ES8328 Datasheet(HTML) 13 Page - Suzhou Everest Semiconductor Co. Ltd.

Back Button ES8328 Datasheet HTML 9Page - Suzhou Everest Semiconductor Co. Ltd. ES8328 Datasheet HTML 10Page - Suzhou Everest Semiconductor Co. Ltd. ES8328 Datasheet HTML 11Page - Suzhou Everest Semiconductor Co. Ltd. ES8328 Datasheet HTML 12Page - Suzhou Everest Semiconductor Co. Ltd. ES8328 Datasheet HTML 13Page - Suzhou Everest Semiconductor Co. Ltd. ES8328 Datasheet HTML 14Page - Suzhou Everest Semiconductor Co. Ltd. ES8328 Datasheet HTML 15Page - Suzhou Everest Semiconductor Co. Ltd. ES8328 Datasheet HTML 16Page - Suzhou Everest Semiconductor Co. Ltd. ES8328 Datasheet HTML 17Page - Suzhou Everest Semiconductor Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
Everest Semiconductor
ES8328
1 – ALRCK and DLRCK disabled when all ADC and DAC disabled
DACMCLK
5
0 – when SameFs=1, ADCMCLK is the chip master clock source (default)
1 – when SameFs=1, DACMCLK is the chip master clock source
SameFs
4
0 – ADC Fs differs from DAC Fs (default)
1 – ADC Fs is the same as DAC Fs
SeqEn
3
0 – internal power up/down sequence disable (default)
1 – internal power up/down sequence enable
EnRef
2
0 – disable reference
1 – enable reference (default)
VMIDSEL
1:0
00 – Vmid disabled
01 – 50 k
Ω divider enabled
10 – 500 k
Ω divider enabled (default)
11 – 5 k
Ω divider enabled
6.1.2 Register 1 – Chip Control 2, Default 0001 1100
Bit Name
Bit
Description
TSDEN
7
0 – thermal shutdown disabled (default)
1 – thermal shutdown enabled
PdnOC
6
0 – over current shutdown disabled (default)
1 – over current shutdown enabled
LPVcmMod
5
0 – normal (default)
1 – low power
LPVrefBuf
4
0 – normal
1 – low power (default)
PdnAna
3
0 – normal
1 – entire analog power down (default)
PdnIbiasgen
2
0 – normal
1 – ibiasgen power down (default)
VrefLo
1
0 – normal (default)
1 – low power
PdnVrefbuf
0
0 – normal (default)
1 – power down
6.1.3 Register 2 – Chip Power Management, Default 1100 0011
Bit Name
Bit
Description
adc_DigPDN
7
0 – normal
1 – resets ADC DEM, filter and serial data port (default)
dac_DigPDN
6
0 – normal
1 – resets DAC DSM, DEM, filter and serial data port (default)
adc_stm_rst
5
0 – normal (default)
1 – reset ADC state machine to power down state
dac_stm_rst
4
0 – normal (default)
1 – reset DAC state machine to power down state
Revision 1.0
8/15/2009
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com