Electronic Components Datasheet Search
  English  ▼

X  

ES8328 Datasheet(PDF) 28 Page - Suzhou Everest Semiconductor Co. Ltd.

Part # ES8328
Description  Low Power Stereo Audio CODEC With Headphone Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
Direct Link  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.

ES8328 Datasheet(HTML) 28 Page - Suzhou Everest Semiconductor Co. Ltd.

Back Button ES8328 Datasheet HTML 24Page - Suzhou Everest Semiconductor Co. Ltd. ES8328 Datasheet HTML 25Page - Suzhou Everest Semiconductor Co. Ltd. ES8328 Datasheet HTML 26Page - Suzhou Everest Semiconductor Co. Ltd. ES8328 Datasheet HTML 27Page - Suzhou Everest Semiconductor Co. Ltd. ES8328 Datasheet HTML 28Page - Suzhou Everest Semiconductor Co. Ltd. ES8328 Datasheet HTML 29Page - Suzhou Everest Semiconductor Co. Ltd. ES8328 Datasheet HTML 30Page - Suzhou Everest Semiconductor Co. Ltd. ES8328 Datasheet HTML 31Page - Suzhou Everest Semiconductor Co. Ltd. ES8328 Datasheet HTML 32Page - Suzhou Everest Semiconductor Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
Everest Semiconductor
ES8328
1 – 40k VREF to analog output resistance
HPSWEN
3
0 – headphone switch disabled (default)
1 – headphone switch enabled
HPSWPOL
2
0 – HPDETECT high=headphone (default)
1 – HPDETECT high=speaker
MOUTINV
1
0 – MOUT no inversion (default)
1 – MOUT signal inverted
6.3.24 Register 46 – DAC Control 24, Default 0000 0000
Bit Name
Bit
Description
LOUT1VOL
5:0
LOUT1 volume
000000 – -30dB (default)
000001 – -29dB
000010 – -28dB
…
011110 – 0dB
011111 – 1dB
…
100100 – 6dB
6.3.25 Register 47 – DAC Control 25, Default 0000 0000
Bit Name
Bit
Description
ROUT1VOL
5:0
ROUT1 volume
000000 – -30dB (default)
000001 – -29dB
000010 – -28dB
…
011110 – 0dB
011111 – 1dB
…
100100 – 6dB
6.3.26 Register 48 – DAC Control 26, Default 0000 0000
Bit Name
Bit
Description
LOUT2VOL
5:0
LOUT1 volume
000000 – -30dB (default)
000001 – -29dB
000010 – -28dB
…
011110 – 0dB
011111 – 1dB
…
100100 – 6dB
Revision 1.0
8/15/2009
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com