Electronic Components Datasheet Search
  English  ▼

X  

80P Datasheet(PDF) 1 Page - Endress+Hauser Group Services AG

Part # 80P
Description  Promass 80P
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

80P Datasheet(HTML) 1 Page - Endress+Hauser Group Services AG

  80P Datasheet HTML 1Page - Endress+Hauser Group Services AG 80P Datasheet HTML 2Page - Endress+Hauser Group Services AG 80P Datasheet HTML 3Page - Endress+Hauser Group Services AG 80P Datasheet HTML 4Page - Endress+Hauser Group Services AG 80P Datasheet HTML 5Page - Endress+Hauser Group Services AG 80P Datasheet HTML 6Page - Endress+Hauser Group Services AG 80P Datasheet HTML 7Page - Endress+Hauser Group Services AG 80P Datasheet HTML 8Page - Endress+Hauser Group Services AG 80P Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Products
Solutions
Services
추가 정보 및 현재 가격:
www.kr.endress.com/80P
장점:
사양 정보
적용 분야: Promass P offers the enhanced performance of a bent tube
meter and the drainability of a straight tube meter without any
compromise, between accuracy and drainability. Combined with the
proven Promass 80 transmitter with push buttons, Promass 80P offers a
cost effective solution for applications in sterile environments in the life
sciences industry.
Promass 80P
특징 및 사양
•
Highest process quality – fully compliant to industry requirements
•
Fewer process measuring points – multivariable measurement (flow,
density, temperature)
•
Space-saving installation – no in/outlet run needs
•
Cost-effective – dedicated design for standard applications
•
Safe operation – display provides easy readable process information
•
Fully industry compliant – IEC/EN/NAMUR
•
Max. measurement error Mass flow (liquid): ±0.15 % Volume
flow (liquid): ±0.15 % Mass flow (gas): ±0.5 % Density (liquid):
±0.0005 g/cm³
•
Measuring range 0 to 70 000 kg/h (0 to 2570 lb/min)
•
Medium temperature range –50 to +200 °C (–58 to +392 °F)
•
Max. process pressure PN 63, Class 300, 40K
•
Wetted materials Measuring tube: 1.4435 (316L) Connection:
1.4435 (316L); 1.4404 (316/316L)
Liquids
측정 원리
Coriolis


Similar Part No. - 80P

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
80P-JMDSS-G-1-TF JST-80P-JMDSS-G-1-TF Datasheet
284Kb / 3P
Board-to-board connectors
logo
Renesas Technology Corp
80P6 RENESAS-80P6 Datasheet
107Kb / 1P
Converter for Connecting 80-pin 0.8mm-pitch LCC to 80-pin 0.65mm-pitch
80P6S RENESAS-80P6S Datasheet
107Kb / 1P
Converter for Connecting 80-pin 0.8mm-pitch LCC to 80-pin 0.65mm-pitch
logo
TRANSYS Electronics Lim...
80PF-120 TEL-80PF-120 Datasheet
202Kb / 1P
STANDARD RECOVERY DIODE
80PF-40 TEL-80PF-40 Datasheet
202Kb / 1P
STANDARD RECOVERY DIODE
More results

Similar Description - 80P

ManufacturerPart #DatasheetDescription
logo
Tensility International...
30-00008 TENSILITY-30-00008 Datasheet
350Kb / 2P
Wire, 2C, 22 AWG, UL2468, 300V, 80C, 3.6mm, PVC, 80P
logo
HARTING Technology Grou...
15040802001000 HARTING-15040802001000 Datasheet
459Kb / 3P
har-flex HD-Card Edge 80p PL1 200pcs
2023-04-07
15040802401000 HARTING-15040802401000 Datasheet
460Kb / 3P
har-flex HD-Card Edge 80p THR PL1 200pcs
2023-04-07
15040802601000 HARTING-15040802601000 Datasheet
459Kb / 3P
har-flex HD-Card Edge 80p SMT PL1 200pcs
2023-04-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com