Electronic Components Datasheet Search
  English  ▼

X  

80P Datasheet(PDF) 3 Page - Endress+Hauser Group Services AG

Part # 80P
Description  Promass 80P
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

80P Datasheet(HTML) 3 Page - Endress+Hauser Group Services AG

  80P Datasheet HTML 1Page - Endress+Hauser Group Services AG 80P Datasheet HTML 2Page - Endress+Hauser Group Services AG 80P Datasheet HTML 3Page - Endress+Hauser Group Services AG 80P Datasheet HTML 4Page - Endress+Hauser Group Services AG 80P Datasheet HTML 5Page - Endress+Hauser Group Services AG 80P Datasheet HTML 6Page - Endress+Hauser Group Services AG 80P Datasheet HTML 7Page - Endress+Hauser Group Services AG 80P Datasheet HTML 8Page - Endress+Hauser Group Services AG 80P Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Promass 80P
Endress+Hauser
Max. process pressure
PN 63, Class 300, 40K
Medium temperature range
–50 to +200 °C (–58 to +392 °F)
Ambient temperature range
Standard: –20 to +60 °C (–4 to +140 °F)
Option: –40 to +60 °C (–40 to +140 °F)
Sensor housing material
1.4301 (304), corrosion resistant
Transmitter housing material
Powder
‐coated die‐cast aluminium
1.4301 (304), sheet
CF3M (316L), cast
Degree of protection
IP67, type 4X enclosure. Remote transmitter: IP67, type 4X enclosure
Display/Operation
2
‐line backlit display with push buttons
Configuration via local display and operating tools possible
Outputs
3 outputs:
0
‐20 mA (active)/4‐20 mA (active/passive)
Pulse/frequency/switch output (passive)
Inputs
Status input
Digital communication
HART
PROFIBUS PA
Liquids
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com