Electronic Components Datasheet Search
  English  ▼

X  

80P Datasheet(PDF) 9 Page - Endress+Hauser Group Services AG

Part # 80P
Description  Promass 80P
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

80P Datasheet(HTML) 9 Page - Endress+Hauser Group Services AG

Back Button 80P Datasheet HTML 3Page - Endress+Hauser Group Services AG 80P Datasheet HTML 4Page - Endress+Hauser Group Services AG 80P Datasheet HTML 5Page - Endress+Hauser Group Services AG 80P Datasheet HTML 6Page - Endress+Hauser Group Services AG 80P Datasheet HTML 7Page - Endress+Hauser Group Services AG 80P Datasheet HTML 8Page - Endress+Hauser Group Services AG 80P Datasheet HTML 9Page - Endress+Hauser Group Services AG 80P Datasheet HTML 10Page - Endress+Hauser Group Services AG 80P Datasheet HTML 11Page - Endress+Hauser Group Services AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Promass 80P
Endress+Hauser
Sensor features
Highest process quality – fully compliant to industry requirements. Fewer
process measuring points – multivariable measurement (flow, density,
temperature). Space
‐saving installation – no in/outlet run needs. ASME
BPE, 3-A and EHEDG conform & low delta ferrite. Electropolished
measuring tube in 1.4435 (316L).
Transmitter features
Cost
‐effective – dedicated design for standard applications. Safe
operation – display provides easy readable process information. Fully
industry compliant – IEC/EN/NAMUR. 2
‐line backlit display with push
buttons. Device in compact or remote version.
Nominal diameter range
DN 8 to 50 (
⅜ to 2")
Wetted materials
Measuring tube: 1.4435 (316L)
Connection: 1.4435 (316L); 1.4404 (316/316L)
Measured variables
Mass flow, density, temperature, volume flow, corrected volume flow,
reference density
Max. measurement error
Mass flow (liquid): ±0.15 %
Volume flow (liquid): ±0.15 %
Mass flow (gas): ±0.5 %
Density (liquid): ±0.0005 g/cm³
Measuring range
0 to 70 000 kg/h (0 to 2570 lb/min)
Max. process pressure
PN 63, Class 300, 40K
Medium temperature range
–50 to +200 °C (–58 to +392 °F)
Density/Concentration
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com