Electronic Components Datasheet Search
  English  ▼

X  

80P Datasheet(PDF) 8 Page - Endress+Hauser Group Services AG

Part # 80P
Description  Promass 80P
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

80P Datasheet(HTML) 8 Page - Endress+Hauser Group Services AG

Back Button 80P Datasheet HTML 3Page - Endress+Hauser Group Services AG 80P Datasheet HTML 4Page - Endress+Hauser Group Services AG 80P Datasheet HTML 5Page - Endress+Hauser Group Services AG 80P Datasheet HTML 6Page - Endress+Hauser Group Services AG 80P Datasheet HTML 7Page - Endress+Hauser Group Services AG 80P Datasheet HTML 8Page - Endress+Hauser Group Services AG 80P Datasheet HTML 9Page - Endress+Hauser Group Services AG 80P Datasheet HTML 10Page - Endress+Hauser Group Services AG 80P Datasheet HTML 11Page - Endress+Hauser Group Services AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Promass 80P
Endress+Hauser
Characteristic / Application
Coriolis mass flowmeter complying with ASME BPE, ISPE, FDA, 3-
A
Ambient temperature
-20...+65°C
(-4...+140°F)
Process temperature
-50...+200°C
(-58...+392°F)
Process pressure
PN 16...40
Cl 150...300
JIS 20...40K
Wetted parts
316L/1.4435
Output
4...20mA
Pulse/Frequency
Status
Certificates / Approvals
ATEX
FM
CSA IECEx TIIS NEPSI
Density
Density/Concentration
측정 원리
Coriolis
Product headline
The specialist for life sciences with a compact or remote transmitter.
Dedicated for applications under sterile conditions in the life sciences
industry.
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com