Electronic Components Datasheet Search
  English  ▼

X  

LM072 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LM072
Description  Standalone (With Embedded Bluetooth® v2.0/v2.1 Stack)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LM072 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LM072 Datasheet HTML 1Page - List of Unclassifed Manufacturers LM072 Datasheet HTML 2Page - List of Unclassifed Manufacturers LM072 Datasheet HTML 3Page - List of Unclassifed Manufacturers LM072 Datasheet HTML 4Page - List of Unclassifed Manufacturers LM072 Datasheet HTML 5Page - List of Unclassifed Manufacturers LM072 Datasheet HTML 6Page - List of Unclassifed Manufacturers LM072 Datasheet HTML 7Page - List of Unclassifed Manufacturers LM072 Datasheet HTML 8Page - List of Unclassifed Manufacturers LM072 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LM072 Bluetooth® Module
Standalone (With Embedded Bluetooth® v2.0/v2.1 Stack)
Part No.
Product
See Last Page
LM072
General Specification
Wireless
Bluetooth® Standard
Module Type
Profiles
v2.0, v2.1 wireless technology
Standalone (Configurable with AT Commands)
SPP and HID
Hardware
Chipset
Antenna
Flash Memory
RAM
Program Interface
Interfaces
UART lines
Full Duplex (UART)
Baud Rate (UART)
Audio Interfaces
Power Supply
Crystal Oscillator
CSR
RF Antenna Interface (Pin 37)
8 Mbit
48 KB
SPI
UART, USB 2.0 (Full Speed), AIO and PIO
RxD, TxD, RTS, CTS and GND
Yes
1.2, 2.4, 4.8, 9.6, 19.2, 38.4, 57.6, 115.2, 230.4, 460.8 and 921.6 Kbps
PCM
3V3
26 MHz
RF Characteristics
Tx Output Power
Rx Sensitivity
Current Consumption (Cont. RX)
Range
Data Rate
Frequency
Hopping
Modulation Scheme
18 dBm (Maximum)
-82 dBm (Typical)
114 mA (Maximum)
Up to 100m (in open space)
Up to 3Mbps
2.4GHz to 2.485 GHz
1,600/sec, 1MHz channel space
GFSK-Mbps, DQPSK-2 Mbps, and 8-DPSK-3Mbps
-10°C to +70°C
28.2mm x 15mm x 2.8mm
2.29g +/- 0.25g tolerance
See our website for this products certifications.
RoHS, REACH and WEEE
Physical Characteristics
Operating Temperature
Dimensions (L x W x H)
Weight
Certifications
Compliance
LM072
Page 2 of 11
+44(0) 207 428 2647 | sales@lm-technologies.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com