Electronic Components Datasheet Search
  English  ▼

X  

LM072 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # LM072
Description  Standalone (With Embedded Bluetooth® v2.0/v2.1 Stack)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LM072 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  LM072 Datasheet HTML 1Page - List of Unclassifed Manufacturers LM072 Datasheet HTML 2Page - List of Unclassifed Manufacturers LM072 Datasheet HTML 3Page - List of Unclassifed Manufacturers LM072 Datasheet HTML 4Page - List of Unclassifed Manufacturers LM072 Datasheet HTML 5Page - List of Unclassifed Manufacturers LM072 Datasheet HTML 6Page - List of Unclassifed Manufacturers LM072 Datasheet HTML 7Page - List of Unclassifed Manufacturers LM072 Datasheet HTML 8Page - List of Unclassifed Manufacturers LM072 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Part No.
Product
See Last Page
LM072
Dimensions All measurements in mm
Absolute Maximum Ratings
0.8
2.8
Design to Micro Strip Line
Electrical Characteristics
Parameter
Storage Temperature
Supply Voltage (VDD)
Supply Voltage (PVCC)
All other pins
Min
-40
+2.7
+3.0
VSS - 0.4
Units
°C
V
V
V
Max
+85
+3.6
+3.6
VDD+0.4
Recommended Operating Conditions
Electrical Characteristics
Parameter
Storage Temperature
Supply Voltage (VDD)
Supply Voltage (PVCC)
Min
-20
+3.0
+3.0
Units
°C
V
V
Max
+75
+3.3
+3.3
LM072 Bluetooth® Module
Standalone (With Embedded Bluetooth® v2.0/v2.1 Stack)
1.25mm
0.8 * 0.8
28.2mm
TOP VIEW
PCB LAYOUT TOP VIEW
LM072
Page 5 of 11
+44(0) 207 428 2647 | sales@lm-technologies.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com