Electronic Components Datasheet Search
  English  ▼

X  

LM072 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LM072
Description  Standalone (With Embedded Bluetooth® v2.0/v2.1 Stack)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LM072 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LM072 Datasheet HTML 1Page - List of Unclassifed Manufacturers LM072 Datasheet HTML 2Page - List of Unclassifed Manufacturers LM072 Datasheet HTML 3Page - List of Unclassifed Manufacturers LM072 Datasheet HTML 4Page - List of Unclassifed Manufacturers LM072 Datasheet HTML 5Page - List of Unclassifed Manufacturers LM072 Datasheet HTML 6Page - List of Unclassifed Manufacturers LM072 Datasheet HTML 7Page - List of Unclassifed Manufacturers LM072 Datasheet HTML 8Page - List of Unclassifed Manufacturers LM072 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Part No.
Product
See Last Page
LM072
LM072 Bluetooth® Module
Standalone (With Embedded Bluetooth® v2.0/v2.1 Stack)
Pin Assignments
Pin
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
Name
GND
PVCC
AIO 0
AIO 1
PIO 0
PIO 1
PIO 2
PIO 3
PIO 4
GND
PIO 5
PIO 6
PIO 7
PIO 8
PIO 9
RESET
VCC
GND
GND
USB_DP
USB_DN
PCM_SYNC
PCM_IN
PCM_OUT
PCM_CLK
UART_RX
UART_TX
UART_RTS
GND
UART_CTS
SPI_MOSI
SPI_CSB
SPI_CLK
SPI_MISO
PIO 11
PIO 10
RF_IO
GND
Type
Ground
Power
I/O
I/O
I/O
I/O
I/O
I/O
I/O
Ground
I/O
I/O
I/O
I/O
I/O
CMOS Input
Power
Ground
Ground
I/O
I/O
I/O
CMOS Input
CMOS Output
I/O
CMOS Input
CMOS Output
CMOS Output
Ground
CMOS Input
CMOS Input
CMOS Input
CMOS Input
CMOS Output
I/O
I/O
Analogue
Ground
Description
Common Ground
Power Amp. Power supply (3.3V)
Programmable Input / Output
Programmable Input / Output
Programmable Input / Output
Programmable Input / Output
Programmable Input / Output
Programmable Input / Output
Programmable Input / Output
Common Ground
Programmable Input / Output
Programmable Input / Output
Programmable Input / Output
Programmable Input / Output
Programmable Input / Output
Reset Input of Module, Active Low
Module input Supply, 3.3V DC
Common Ground
Common Ground
USB Data Plus
USB Data Minus
Synchronous Data Sync
Synchronous Data Input
Synchronous Data Output
Synchronous Data Clock
UART Data Input
UART Data Output
UART Request to Send (Active Low)
Common Ground
UART Clear to Send (Active Low)
Serial Peripheral Interface Data Input
Chip Select for Serial Peripheral Interface (Active Low)
Serial Peripheral Interface Clock
Serial Peripheral Interface Data Output
Programmable Input Output
Programmable Input Output
Antenna Interface
Common Ground
LM072
Page 3 of 11
+44(0) 207 428 2647 | sales@lm-technologies.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com