Electronic Components Datasheet Search
  English  ▼

X  

LM317 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM317
Description  3-TERMINAL ADJUSTABLE REGULATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM317 Datasheet(HTML) 4 Page - Texas Instruments

  LM317 Datasheet HTML 1Page - Texas Instruments LM317 Datasheet HTML 2Page - Texas Instruments LM317 Datasheet HTML 3Page - Texas Instruments LM317 Datasheet HTML 4Page - Texas Instruments LM317 Datasheet HTML 5Page - Texas Instruments LM317 Datasheet HTML 6Page - Texas Instruments LM317 Datasheet HTML 7Page - Texas Instruments LM317 Datasheet HTML 8Page - Texas Instruments LM317 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
9.98
9.985
9.99
9.995
10
10.005
10.01
I
OUT – A
T =25°C
A
T = –40°C
A
T =125°C
A
V
=10VNom
OUT
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
I
OUT – A
T =125°C
A
T =25°C
A
T = –40°C
A
V
=V
OUT
REF
-5
-4.5
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
Tim e – µs
9
9.2
9.4
9.6
9.8
10
10.2
10.4
10.6
10.8
11
V
IN
V
OUT
C
=10µF
ADJ
-5
-4.5
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
Tim e – µs
9
9.2
9.4
9.6
9.8
10
10.2
10.4
10.6
10.8
11
V
IN
V
OUT
C
=0µF
ADJ
LM317
3-TERMINAL ADJUSTABLE REGULATOR
SLVS044R – SEPTEMBER 1997 – REVISED APRIL 2007
LOAD REGULATION
LOAD REGULATION
LOAD TRANSIENT RESPONSE
LOAD TRANSIENT RESPONSE
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com