Electronic Components Datasheet Search
  English  ▼

X  

LM317 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM317
Description  3-TERMINAL ADJUSTABLE REGULATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM317 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM317 Datasheet HTML 6Page - Texas Instruments LM317 Datasheet HTML 7Page - Texas Instruments LM317 Datasheet HTML 8Page - Texas Instruments LM317 Datasheet HTML 9Page - Texas Instruments LM317 Datasheet HTML 10Page - Texas Instruments LM317 Datasheet HTML 11Page - Texas Instruments LM317 Datasheet HTML 12Page - Texas Instruments LM317 Datasheet HTML 13Page - Texas Instruments LM317 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
www.ti.com
R1
240
Ω
R2
2.4 k
Ω
INPUT
OUTPUT
ADJUST
LM317
VI
RS
0.2
Ω
(see Note A)
NOTE A: RS controls the output impedance of the charger.
The use of RS allows for low charging rates with a fully charged battery.
Z
OUT + RS 1 )
R2
R1
INPUT
OUTPUT
ADJUST
LM317
VI
24
Ω
R1
240
Ω
INPUT
OUTPUT
ADJUST
LM317
VO = 15 V
VI
D1
1N4002
R2
2.7 k
Ω
C1
25
µF
R3
50 k
Ω
2N2905
LM317
3-TERMINAL ADJUSTABLE REGULATOR
SLVS044R – SEPTEMBER 1997 – REVISED APRIL 2007
APPLICATION INFORMATION (continued)
Figure 8. Battery-Charger Circuit
Figure 9. 50-mA Constant-Current Battery-Charger Circuit
Figure 10. Slow Turn-On 15-V Regulator Circuit
10
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com