Electronic Components Datasheet Search
  English  ▼

X  

LM317 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM317
Description  3-TERMINAL ADJUSTABLE REGULATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM317 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM317 Datasheet HTML 9Page - Texas Instruments LM317 Datasheet HTML 10Page - Texas Instruments LM317 Datasheet HTML 11Page - Texas Instruments LM317 Datasheet HTML 12Page - Texas Instruments LM317 Datasheet HTML 13Page - Texas Instruments LM317 Datasheet HTML 14Page - Texas Instruments LM317 Datasheet HTML 15Page - Texas Instruments LM317 Datasheet HTML 16Page - Texas Instruments LM317 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
LM317DCY
ACTIVE
SOT-223
DCY
4
80
Green (RoHS &
no Sb/Br)
CU SN
Level-2-260C-1YEAR
LM317DCYG3
ACTIVE
SOT-223
DCY
4
80
Green (RoHS &
no Sb/Br)
CU SN
Level-2-260C-1YEAR
LM317DCYR
ACTIVE
SOT-223
DCY
4
2500 Green (RoHS &
no Sb/Br)
CU SN
Level-2-260C-1YEAR
LM317DCYRG3
ACTIVE
SOT-223
DCY
4
2500 Green (RoHS &
no Sb/Br)
CU SN
Level-2-260C-1YEAR
LM317KC
NRND
TO-220
KC
3
50
Pb-Free
(RoHS)
CU SN
N / A for Pkg Type
LM317KCE3
NRND
TO-220
KC
3
50
Pb-Free
(RoHS)
CU SN
N / A for Pkg Type
LM317KCS
ACTIVE
TO-220
KCS
3
50
Pb-Free
(RoHS)
CU SN
N / A for Pkg Type
LM317KTER
NRND
PFM
KTE
3
2000
TBD
CU SN
Level-3-240C-168 HR
LM317KTTR
ACTIVE
DDPAK/
TO-263
KTT
3
500
Green (RoHS &
no Sb/Br)
CU SN
Level-3-245C-168 HR
LM317KTTRG3
ACTIVE
DDPAK/
TO-263
KTT
3
500
Green (RoHS &
no Sb/Br)
CU SN
Level-3-245C-168 HR
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
20-Apr-2007
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com