Electronic Components Datasheet Search
  English  ▼

X  

LM317 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM317
Description  3-TERMINAL ADJUSTABLE REGULATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM317 Datasheet(HTML) 1 Page - Texas Instruments

  LM317 Datasheet HTML 1Page - Texas Instruments LM317 Datasheet HTML 2Page - Texas Instruments LM317 Datasheet HTML 3Page - Texas Instruments LM317 Datasheet HTML 4Page - Texas Instruments LM317 Datasheet HTML 5Page - Texas Instruments LM317 Datasheet HTML 6Page - Texas Instruments LM317 Datasheet HTML 7Page - Texas Instruments LM317 Datasheet HTML 8Page - Texas Instruments LM317 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
www.ti.com
FEATURES
DCY (SOT-223) PACKAGE
(TOP VIEW)
INPUT
OUTPUT
ADJUST
KTE PACKAGE
(TOP VIEW)
INPUT
OUTPUT
ADJUST
KC (TO-220) PACKAGE
(TOP VIEW)
OUTPUT
INPUT
ADJUST
KTT (TO-263) PACKAGE
(TOP VIEW)
INPUT
OUTPUT
ADJUST
OUTPUT
INPUT
ADJUST
KCS (TO-220) PACKAGE
(TOP VIEW)
DESCRIPTION/ORDERING INFORMATION
LM317
3-TERMINAL ADJUSTABLE REGULATOR
SLVS044R – SEPTEMBER 1997 – REVISED APRIL 2007
• Output Voltage Range Adjustable From 1.25 V
• Thermal Overload Protection
to 37 V
• Output Safe-Area Compensation
• Output Current Greater Than 1.5 A
• Internal Short-Circuit Current Limiting
The LM317 is an adjustable three-terminal positive-voltage regulator capable of supplying more than 1.5 A over
an output-voltage range of 1.25 V to 37 V. It is exceptionally easy to use and requires only two external resistors
to set the output voltage. Furthermore, both line and load regulation are better than standard fixed regulators.
In addition to having higher performance than fixed regulators, this device includes on-chip current limiting,
thermal overload protection, and safe operating-area protection. All overload protection remains fully functional,
even if the ADJUST terminal is disconnected.
The LM317 is versatile in its applications, including uses in programmable output regulation and local on-card
regulation. Or, by connecting a fixed resistor between the ADJUST and OUTPUT terminals, the LM317 can
function as a precision current regulator. An optional output capacitor can be added to improve transient
response. The ADJUST terminal can be bypassed to achieve very high ripple-rejection ratios, which are difficult
to achieve with standard three-terminal regulators.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
PowerFLEX™ – KTE
Reel of 2000
LM317KTER
LM317
Tube of 80
LM317DCY
SOT-223 – DCY
L3
Reel of 2500
LM317DCYR
0
°C to 125°C
TO-220 – KC
Tube of 50
LM317KC
LM317
TO-220, short shoulder – KCS
Tube of 20
LM317KCS
TO-263 – KTT
Reel of 500
LM317KTTR
LM317
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerFLEX, PowerPAD are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1997–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM317

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM317 NSC-LM317 Datasheet
645Kb / 25P
3-Terminal Adjustable Regulator
logo
ON Semiconductor
LM317 ONSEMI-LM317 Datasheet
132Kb / 12P
1.5 A Adjustable Output, Positive Voltage Regulator
January, 2002 ??Rev. 3
logo
STMicroelectronics
LM317 STMICROELECTRONICS-LM317 Datasheet
99Kb / 11P
1.2V TO 37V VOLTAGE REGULATOR
Nov-1999
logo
Wing Shing Computer Com...
LM317 WINGS-LM317 Datasheet
213Kb / 3P
3-TERMINAL ADJUSTABLE REGULATORS
logo
List of Unclassifed Man...
LM317 ETC-LM317 Datasheet
202Kb / 3P
3-TERMINAL 1A POSTIVE ADJUSTABLE REGULATOR
More results

Similar Description - LM317

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
3-Terminal Adjustable Regulator
LM337L NSC-LM337L Datasheet
89Kb / 5P
3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
3-TERMINAL ADJUSTABLE REGULATOR
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
3-TERMINAL ADJUSTABLE REGULATOR
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com