Electronic Components Datasheet Search
  English  ▼

X  

PCA9535 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9535
Description  REMOTE 16-BIT I2C AND SMBus, LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9535 Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCA9535 Datasheet HTML 6Page - Texas Instruments PCA9535 Datasheet HTML 7Page - Texas Instruments PCA9535 Datasheet HTML 8Page - Texas Instruments PCA9535 Datasheet HTML 9Page - Texas Instruments PCA9535 Datasheet HTML 10Page - Texas Instruments PCA9535 Datasheet HTML 11Page - Texas Instruments PCA9535 Datasheet HTML 12Page - Texas Instruments PCA9535 Datasheet HTML 13Page - Texas Instruments PCA9535 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
www.ti.com
Interrupt (INT) Output
Bus Transactions
Writes
1
2
SCL
3
4
5
6
7
8
SDA
A
A
A
Data 0
9
0
0
0
0
0
0
0
1
0.7
0.0
Data 1
1.7
1.0
A
S
0
1
0
0
A2 A1 A0
0
P
Slave Address
Command Byte
Data to Port 0
Data to Port 1
Start Condition
Acknowledge
From Slave
Write to Port
Data Out from Port 1
Data Out from Port 0
Data Valid
Acknowledge
From Slave
Acknowledge
From Slave
tpv
tpv
R/W
PCA9535
REMOTE 16-BIT I2C AND SMBus, LOW-POWER I/O EXPANDER
WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
SCPS129E – AUGUST 2005 – REVISED FEBRUARY 2007
An interrupt is generated by any rising or falling edge of the port inputs in the input mode. After time, tiv, the
signal INT is valid. Resetting the interrupt circuit is achieved when data on the port is changed to the original
setting or data is read from the port that generated the interrupt or in a Stop event. Resetting occurs in the read
mode at the acknowledge (ACK) bit or not acknowledge (NACK) bit after the falling edge of the SCL signal. In a
Stop event, INT is cleared after the rising edge of SDA. Interrupts that occur during the ACK or NACK clock
pulse can be lost (or be very short) due to the resetting of the interrupt during this pulse. Each change of the
I/Os after resetting is detected and is transmitted as INT.
Reading from or writing to another device does not affect the interrupt circuit, and a pin configured as an output
cannot cause an interrupt. Changing an I/O from an output to an input may cause a false interrupt to occur, if the
state of the pin does not match the contents of the Input Port register. Because each 8-bit port is read
independently, the interrupt caused by port 0 is not cleared by a read of port 1, or vice versa.
INT has an open-drain structure and requires a pullup resistor to VCC.
Data is exchanged between the master and the PCA9535 through write and read commands.
Data is transmitted to the PCA9535 by sending the device address and setting the least-significant bit to a logic
0 (see Figure 4 for device address). The command byte is sent after the address and determines which register
receives the data that follows the command byte.
The eight registers within the PCA9535 are configured to operate as four register pairs. The four pairs are Input
Ports, Output Ports, Polarity Inversions, and Configurations. After sending data to one register, the next data
byte is sent to the other register in the pair (see Figure 6 and Figure 7). For example, if the first byte is sent to
Output Port 1 (register 3), the next byte is stored in Output Port 0 (register 2).
There is no limitation on the number of data bytes sent in one write transmission. In this way, each 8-bit register
may be updated independently of the other registers.
Figure 6. Write to Output Port Registers
<br/>
10
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com