Electronic Components Datasheet Search
  English  ▼

X  

PCA9535 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9535
Description  REMOTE 16-BIT I2C AND SMBus, LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9535 Datasheet(HTML) 23 Page - Texas Instruments

Back Button PCA9535 Datasheet HTML 19Page - Texas Instruments PCA9535 Datasheet HTML 20Page - Texas Instruments PCA9535 Datasheet HTML 21Page - Texas Instruments PCA9535 Datasheet HTML 22Page - Texas Instruments PCA9535 Datasheet HTML 23Page - Texas Instruments PCA9535 Datasheet HTML 24Page - Texas Instruments PCA9535 Datasheet HTML 25Page - Texas Instruments PCA9535 Datasheet HTML 26Page - Texas Instruments PCA9535 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
www.ti.com
Minimizing I
CC When I/O Is Used to Control LED
VCC
VCC
LED
Pn
100 kW
VCC
3.3 V
5 V
LED
Pn
PCA9535
REMOTE 16-BIT I2C AND SMBus, LOW-POWER I/O EXPANDER
WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
SCPS129E – AUGUST 2005 – REVISED FEBRUARY 2007
APPLICATION INFORMATION (continued)
When an I/O is used to control an LED, normally it is connected to VCC through a resistor as shown in Figure 15.
Because the LED acts as a diode, when the LED is off, the I/O VIN is about 1.2 V less than VCC. The ∆ICC
parameter in Electrical Characteristics shows how ICC increases as VIN becomes lower than VCC. For
battery-powered applications, it is essential that the voltage of I/O pins is greater than or equal to VCC, when the
LED is off, to minimize current consumption.
Figure 16 shows a high-value resistor in parallel with the LED. Figure 17 shows VCC less than the LED supply
voltage by at least 1.2 V. Both of these methods maintain the I/O VIN at or above VCC and prevent additional
supply-current consumption when the LED is off.
Figure 16. High-Value Resistor in Parallel With LED
Figure 17. Device Supplied by Lower Voltage
23
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com