Electronic Components Datasheet Search
  English  ▼

X  

PCA9535 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9535
Description  REMOTE 16-BIT I2C AND SMBus, LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9535 Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCA9535 Datasheet HTML 9Page - Texas Instruments PCA9535 Datasheet HTML 10Page - Texas Instruments PCA9535 Datasheet HTML 11Page - Texas Instruments PCA9535 Datasheet HTML 12Page - Texas Instruments PCA9535 Datasheet HTML 13Page - Texas Instruments PCA9535 Datasheet HTML 14Page - Texas Instruments PCA9535 Datasheet HTML 15Page - Texas Instruments PCA9535 Datasheet HTML 16Page - Texas Instruments PCA9535 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
PCA9535
REMOTE 16-BIT I2C AND SMBus, LOW-POWER I/O EXPANDER
WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
SCPS129E – AUGUST 2005 – REVISED FEBRUARY 2007
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
6
V
VI
Input voltage range(2)
–0.5
6
V
VO
Output voltage range(2)
–0.5
6
V
IIK
Input clamp current
VI < 0
–20
mA
IOK
Output clamp current
VO < 0
–20
mA
IIOK
Input/output clamp current
VO < 0 or VO > VCC
±20
mA
IOL
Continuous output low current
VO = 0 to VCC
50
mA
IOH
Continuous output high current
VO = 0 to VCC
–50
mA
Continuous current through GND
–250
ICC
mA
Continuous current through VCC
160
DB package
63
DBQ package
61
DGV package
86
θ
JA
Package thermal impedance, junction to free air(3)
°C/W
DW package
46
PW package
88
RGE package
45
θ
JP
Package thermal impedance, junction to pad
RGE package
1.5
°C/W
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
MAX
UNIT
VCC
Supply voltage
2.3
5.5
V
SCL, SDA
0.7
× V
CC
5.5
VIH
High-level input voltage
V
A2–A0, P07–P00, P17–P10
0.7
× V
CC
5.5
SCL, SDA
–0.5
0.3
× V
CC
VIL
Low-level input voltage
V
A2–A0, P07–P00, P17–P10
–0.5
0.3
× V
CC
IOH
High-level output current
P07–P00, P17–P10
–10
mA
IOL
Low-level output current
P07–P00, P17–P10
25
mA
TA
Operating free-air temperature
–40
85
°C
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com