Electronic Components Datasheet Search
  English  ▼

X  

PCA9535 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9535
Description  REMOTE 16-BIT I2C AND SMBus, LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9535 Datasheet(HTML) 22 Page - Texas Instruments

Back Button PCA9535 Datasheet HTML 18Page - Texas Instruments PCA9535 Datasheet HTML 19Page - Texas Instruments PCA9535 Datasheet HTML 20Page - Texas Instruments PCA9535 Datasheet HTML 21Page - Texas Instruments PCA9535 Datasheet HTML 22Page - Texas Instruments PCA9535 Datasheet HTML 23Page - Texas Instruments PCA9535 Datasheet HTML 24Page - Texas Instruments PCA9535 Datasheet HTML 25Page - Texas Instruments PCA9535 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
www.ti.com
APPLICATION INFORMATION
P00
P01
P02
P03
P04
P05
A2
A1
A0
A
B
P06
P07
P10
P11
P12
P13
P14
P15
P16
P17
VCC
VCC
VCC
(5 V)
Controlled Switch
(e.g., CBT Device)
GND
INT
SDA
SCL
10 kW
10 kW
10 kW
10 kW
2 kW
INT
Subsystem 1
(e.g., Temperature
Sensor)
Subsystem 2
(e.g., Counter)
PCA9535
SDA
SCL
INT
GND
Keypad
ALARM
RESET
ENABLE
Subsystem 3
(e.g., Alarm)
Master
Controller
4
5
6
7
8
9
10
11
13
14
15
16
17
18
19
20
22
23
1
3
2
21
12
24
100 kW
100 kW
100 kW
VDD
PCA9535
REMOTE 16-BIT I2C AND SMBus, LOW-POWER I/O EXPANDER
WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
SCPS129E – AUGUST 2005 – REVISED FEBRUARY 2007
Figure 15 shows an application in which the PCA9535 can be used.
A.
Device address is configured as 0100100 for this example.
B.
P00, P02, and P03 are configured as outputs.
C.
P01, P04–P07, and P10–P17 are configured as inputs.
D.
Pin numbers shown are for DB, DBQ, DGV, DW, and PW packages.
Figure 15. Typical Application
22
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com