Electronic Components Datasheet Search
  English  ▼

X  

VC0736 Datasheet(PDF) 120 Page - NEXTCHIP Co,Ltd

Part # VC0736
Description  4-CH AHD2.0 RX and 9-CH Audio Codec
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXTCHIP [NEXTCHIP Co,Ltd]
Direct Link  https://www.nextchip.com/en/
Logo NEXTCHIP - NEXTCHIP Co,Ltd

VC0736 Datasheet(HTML) 120 Page - NEXTCHIP Co,Ltd

Back Button VC0736 Datasheet HTML 116Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 117Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 118Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 119Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 120Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 121Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 122Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 123Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 124Page - NEXTCHIP Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 127 page
background image
NVP6124
Data sheet
02.11.2015 (REV 0.2)
118/125
4-CH AHD2.0 RX and 9-CH Audio Codec
Registers to Read Coaxial Status
ADDRESS
REGISTER NAME
BITS
VALUE
DESCRIPTION
Bank
Addr
30P
25P
3~4
0x5C
/
0xDC
CHx_RX_DONE
[0]
Read
Read
CHx_RX_DONE (x = Channel Number)
: Coaxial RX Request Done
Registers to Read Coaxial Status
ADDRESS
REGISTER NAME
BITS
VALUE
DESCRIPTION
Bank
Addr
30P
25P
3~4
0x5D
/
0xDD
CHx_RX_COAX_DUTY
[7:0]
Read
Read
CHx_RX_COAX_DUTY (x = Channel Number)
: Coaxial RX 8bit DUTY Read
Registers to Control Coaxial Protocol
ADDRESS
REGISTER NAME
BITS
VALUE
DESCRIPTION
Bank
Addr
30P
25P
3~4
0x60
/
0xE0
CHx_ DEVICE_ID
[7:0]
0x84
0x84
CHx_ DEVICE_ID (x = Channel Number)
: Define Device_ID in Protocol
’s Header
0x62
/
0xE2
CHx_RX_AREA
[7:0]
0x00
0x00
CHx_RX_AREA (x = Channel Number)
: Coaxial RX Area 8-bit
0x63
/
0xE3
CHx_DELAY_ON
[4]
0x01
0x01
CHx_DELAY_ON (x = Channel Number)
: Delay Input CVBS signal which enable or disable
CHx_COMM_ON
[0]
CHx_COMM_ON (x = Channel Number)
: Coaxial RX Software Reset
0x64
/
0xE4
CHx_DELAY_CNT
[7:0]
0x00
0x00
CHx_DELAY_CNT (x = Channel Number)
: How many delay input signal based clock
Registers to Control Coaxial Protocol
ADDRESS
REGISTER NAME
BITS
VALUE
DESCRIPTION
Bank
Addr
30P
25P
3~4
0x65
/
0xE5
CHx_ MSB
[0]
0x01
0x01
CHx_ MSB (x = Channel Number)
: Coaxial RX MSB Change Mode
0x66
/
0xE6
CHx_A_DUTY_ON
[7]
0x80
0x80
CHx_A_DUTY_ON (x = Channel Number)
: Coaxial RX DUTY Mode
0x67
/
0xE7
CHx_INT_MODE
[0]
0x01
0x01
CHx_INT_MODE (x = Channel Number)
: Coaxial RX Interrupt Mode
0x68
/
0xE8
CHx_RX_SZ
[7:4]
0x50
0x50
CHx_RX_SZ
(x = Channel Number)
: Coaxial RX Line MAX Set
0x69
/
0xE9
CH1_M_DUTY
[7:0]
0x00
0x00
CH1_M_DUTY
(x = Channel Number)
: Coaxial RX DUTY Set
0x6A
/
0xEA
CH1_RX_START_POSITION
[7:0]
0x00
0x00
CH1_RX_START_POSITION (x = Channel Number)
: Coaxial RX Start Point in Line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com