Electronic Components Datasheet Search
  English  ▼

X  

VC0736 Datasheet(PDF) 123 Page - NEXTCHIP Co,Ltd

Part # VC0736
Description  4-CH AHD2.0 RX and 9-CH Audio Codec
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXTCHIP [NEXTCHIP Co,Ltd]
Direct Link  https://www.nextchip.com/en/
Logo NEXTCHIP - NEXTCHIP Co,Ltd

VC0736 Datasheet(HTML) 123 Page - NEXTCHIP Co,Ltd

Back Button VC0736 Datasheet HTML 119Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 120Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 121Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 122Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 123Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 124Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 125Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 126Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 127Page - NEXTCHIP Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 123 / 127 page
background image
NVP6124
Data sheet
02.11.2015 (REV 0.2)
121/125
4-CH AHD2.0 RX and 9-CH Audio Codec
7.4. AC Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
( Power Supply Current )
1.2V Digital Power Supply Current
IVDD1D
-
230
-
mA
3.3V Digital Power Supply Current
IVDD3D
-
110
-
mA
3.3V Analog Power Supply Current
IVDD3A
-
100
-
mA
( Clock Pin )
XTALI frequency
fXTALI
-
27.0
-
MHz
XTALI duty cycle
fDUTY
45
-
55
%
XTALI pulse width low
tPWL_XTALI
17.0
-
-
nSec
XTALI pulse width high
tPWH_XTAL
17.0
-
-
nSec
( Reset Pin )
RSTB setup time
tSU
1
uSec
RSTB pulse width low
tPWL_rstb
1
uSec
RSTB release time (low to high)
tREL_rstb
10
uSec
( Host Interface Pins )
SCL frequency
fSCL
-
-
6
XTALI
SCL minimum pulse width low
tPWL_SCL
6
-
-
XTALI
SCL minimum pulse width high
tPWH_SCL
4
-
-
XTALI
SCL to SDA setup time
tIS_SDA
2
-
-
XTALI
SCL to SDA hold time
tIH_SDA
2
-
-
XTALI
SCL to SDA delay time
tOD_SDA
-
-
6
XTALI
SCL to SDA hold time
tOH_SDA
3
-
-
XTALI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com