Electronic Components Datasheet Search
  English  ▼

X  

VC0736 Datasheet(PDF) 121 Page - NEXTCHIP Co,Ltd

Part # VC0736
Description  4-CH AHD2.0 RX and 9-CH Audio Codec
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXTCHIP [NEXTCHIP Co,Ltd]
Direct Link  https://www.nextchip.com/en/
Logo NEXTCHIP - NEXTCHIP Co,Ltd

VC0736 Datasheet(HTML) 121 Page - NEXTCHIP Co,Ltd

Back Button VC0736 Datasheet HTML 117Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 118Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 119Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 120Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 121Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 122Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 123Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 124Page - NEXTCHIP Co,Ltd VC0736 Datasheet HTML 125Page - NEXTCHIP Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 127 page
background image
NVP6124
Data sheet
02.11.2015 (REV 0.2)
119/125
4-CH AHD2.0 RX and 9-CH Audio Codec
Registers to Read Coaxial Status
ADDRESS
REGISTER NAME
BITS
VALUE
DESCRIPTION
Bank
Addr
30P
25P
3~4
0x70
/
0xF0
CHx_PELCO16_00 [7:0]
[7:0]
Read
Read
CHx_PELCO16_00 (x = Channel Number)
: Coaxial Output 16bit Data1 Read Register
0x71
/
0xF1
CHx_PELCO16_00 [15:8]
[7:0]
Read
Read
0x72
/
0xF2
CHx_PELCO16_01 [7:0]
[7:0]
Read
Read
CHx_PELCO16_01 (x = Channel Number)
: Coaxial Output 16bit Data2 Read Register
0x73
/
0xF3
CHx_PELCO16_01 [15:8]
[7:0]
Read
Read
0x78
/
0xF8
CHx_PELCO8_0
[7:0]
Read
Read
CHx_PELCO8_0 (x = Channel Number)
: Coaxial Output 8bit Data1 Read Register
0x79
/
0xF9
CHx_PELCO8_1
[7:0]
Read
Read
CHx_PELCO8_1 (x = Channel Number)
: Coaxial Output 8bit Data2 Read Register
0x7A
/
0xFA
CHx_PELCO8_2
[7:0]
Read
Read
CHx_PELCO8_2 (x = Channel Number)
: Coaxial Output 8bit Data3 Read Register
0x7B
/
0xFB
CHx_PELCO8_3
[7:0]
Read
Read
CHx_PELCO8_3 (x = Channel Number)
: Coaxial Output 8bit Data4 Read Register
* Registers of Bank5~BankB are not for users.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com