Electronic Components Datasheet Search
  English  ▼

X  

80C86 Datasheet(PDF) 30 Page - Intersil Corporation

Part # 80C86
Description  CMOS 16-Bit Microprocessor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

80C86 Datasheet(HTML) 30 Page - Intersil Corporation

Back Button 80C86 Datasheet HTML 26Page - Intersil Corporation 80C86 Datasheet HTML 27Page - Intersil Corporation 80C86 Datasheet HTML 28Page - Intersil Corporation 80C86 Datasheet HTML 29Page - Intersil Corporation 80C86 Datasheet HTML 30Page - Intersil Corporation 80C86 Datasheet HTML 31Page - Intersil Corporation 80C86 Datasheet HTML 32Page - Intersil Corporation 80C86 Datasheet HTML 33Page - Intersil Corporation 80C86 Datasheet HTML 34Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
170
Metallization Topology
DIE DIMENSIONS:
249.2 x 290.9 x 19
METALLIZATION:
Type: Silicon - Aluminum
Thickness: 11k
Å ±2kÅ
GLASSIVATION:
Type: Nitrox
Thickness: 10k
Å ±2kÅ
WORST CASE CURRENT DENSITY:
1.5 x 105 A/cm2
Metallization Mask Layout
80C86
AD11
AD12
AD13 AD14
A17/S4 A18/S5
GND
A16/S3
VCC
AD15
A19/S6
BHE/S7
MN/MX
RD
RQ/GT0
RQ/GT1
LOCK
S2
S1
S0
AD10
AD9
AD8
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
NMI
INTR CLK
GND
RESET READY TEST QS1
QS0
80C86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com