Electronic Components Datasheet Search
  English  ▼

X  

80C86 Datasheet(PDF) 22 Page - Intersil Corporation

Part # 80C86
Description  CMOS 16-Bit Microprocessor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

80C86 Datasheet(HTML) 22 Page - Intersil Corporation

Back Button 80C86 Datasheet HTML 18Page - Intersil Corporation 80C86 Datasheet HTML 19Page - Intersil Corporation 80C86 Datasheet HTML 20Page - Intersil Corporation 80C86 Datasheet HTML 21Page - Intersil Corporation 80C86 Datasheet HTML 22Page - Intersil Corporation 80C86 Datasheet HTML 23Page - Intersil Corporation 80C86 Datasheet HTML 24Page - Intersil Corporation 80C86 Datasheet HTML 25Page - Intersil Corporation 80C86 Datasheet HTML 26Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
162
(23)
TCLAV
Address Valid Delay
10
110
10
60
ns
CL = 100pF for All
80C86
Outputs
(In
Addition
to
80C86
Self Load)
(24)
TCLAX
Address Hold Time
10
10
ns
CL = 100pF for All
80C86
Outputs
(In
Addition
to
80C86
Self Load)
(25)
TCLAZ
Address Float Delay
TCLAX
80
TCLAX
50
ns
CL = 100pF for All
80C86
Outputs
(In
Addition
to
80C86
Self Load)
(26)
TCHSZ
Status Float Delay
80
50
ns
CL = 100pF for All
80C86
Outputs
(In
Addition
to
80C86
Self Load)
(27)
TSVLH
Status Valid to ALE High (Note 10)
20
20
ns
CL = 100pF for All
80C86
Outputs
(In
Addition
to
80C86
Self Load)
(28)
TSVMCH
Status Valid to MCE High (Note 10)
30
30
ns
CL = 100pF for All
80C86
Outputs
(In
Addition
to
80C86
Self Load)
(29)
TCLLH
CLK low to ALE Valid (Note 10)
20
20
ns
CL = 100pF for All
80C86
Outputs
(In
Addition
to
80C86
Self Load)
(30)
TCLMCH
CLK low to MCE High (Note 10)
25
25
ns
CL = 100pF for All
80C86
Outputs
(In
Addition
to
80C86
Self Load)
(31)
TCHLL
ALE Inactive Delay (Note 10)
4
18
4
18
ns
CL = 100pF for All
80C86
Outputs
(In
Addition
to
80C86
Self Load)
(32)
TCLMCL
MCE Inactive Delay (Note 10)
15
15
ns
CL = 100pF for All
80C86
Outputs
(In
Addition
to
80C86
Self Load)
(33)
TCLDV
Data Valid Delay
10
110
10
60
ns
CL = 100pF for All
80C86
Outputs
(In
Addition
to
80C86
Self Load)
(34)
TCLDX2
Data Hold Time
10
10
ns
CL = 100pF for All
80C86
Outputs
(In
Addition
to
80C86
Self Load)
AC Electrical Specifications
VCC = 5.0V ±10%
TA = 0
oC to +70oC (C80C86, C80C86-2)
VCC = 5.0V ±10%; TA = -40
oC to +85oC (I80C86, I80C86-2)
VCC = 5.0V ±10%; TA = -55
oC to +125oC (M80C86)
VCC = 5.0V ±5%;
TA = -55
oC to +125oC (M80C86-2) (Continued)
MAX MODE SYSTEM (USING 82C88 BUS CONTROLLER)
TIMING REQUIREMENTS
80C86
80C86-2
UNITS
TEST CONDITIONS
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX
80C86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com