Electronic Components Datasheet Search
  English  ▼

X  

80C86 Datasheet(PDF) 13 Page - Intersil Corporation

Part # 80C86
Description  CMOS 16-Bit Microprocessor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

80C86 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button 80C86 Datasheet HTML 9Page - Intersil Corporation 80C86 Datasheet HTML 10Page - Intersil Corporation 80C86 Datasheet HTML 11Page - Intersil Corporation 80C86 Datasheet HTML 12Page - Intersil Corporation 80C86 Datasheet HTML 13Page - Intersil Corporation 80C86 Datasheet HTML 14Page - Intersil Corporation 80C86 Datasheet HTML 15Page - Intersil Corporation 80C86 Datasheet HTML 16Page - Intersil Corporation 80C86 Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
153
is held at the last valid logic state by internal bus hold
devices. The read control signal is also asserted at T2. The
read (RD) signal causes the addressed device to enable its
data bus drivers to the local bus. Some time later, valid data
will be available on the bus and the addressed device will
drive the READY line HIGH. When the processor returns the
read signal to a HIGH level, the addressed device will again
three-state its bus drivers. If a transceiver (82C86/82C87) is
required to buffer the 80C86 local bus, signals DT/R and
DEN are provided by the 80C86.
A write cycle also begins with the assertion of ALE and the
emission of the address. The M/IO signal is again asserted
to indicate a memory or I/O write operation. In T2, immedi-
ately following the address emission, the processor emits
the data to be written into the addressed location. This data
remains valid until at least the middle of T4. During T2, T3
and TW, the processor asserts the write control signal. The
write (WR) signal becomes active at the beginning of T2 as
opposed to the read which is delayed somewhat into T2 to
provide time for output drivers to become inactive.
The BHE and A0 signals are used to select the proper
byte(s) of the memory/lO word to be read or written accord-
ing to Table 5.
I/O ports are addressed in the same manner as memory
location. Even addressed bytes are transferred on the D7-
D0 bus lines and odd address bytes on D15-D8.
The basic difference between the interrupt acknowledge
cycle and a read cycle is that the interrupt acknowledge sig-
nal (INTA) is asserted in place of the read (RD) signal and
the address bus is held at the last valid logic state by internal
bus hold devices. (See Figure 4). In the second of two suc-
cessive INTA cycles a byte of information is read from the
data bus (D7-D0) as supplied by the interrupt system logic
(i.e., 82C59A Priority Interrupt Controller). This byte identi-
fies the source (type) of the interrupt. It is multiplied by four
and used as a pointer into an interrupt vector lookup table,
as described earlier.
TABLE 5.
BHE
A0
CHARACTERISTICS
00
Whole word
0
1
Upper Byte From/To Odd Address
1
0
Lower Byte From/To Even Address
1
1
None
80C86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com